AI

The **ADP7104ACPZ-9.0-R7** is a high-performance, CMOS low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable, low-noise power supply for high-performance analog and mixed-signal circuits.
---
### ## Technical Specifications
The following table outlines the primary electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 9.0 V |
| **Input Voltage Range** | 3.3 V to 20 V |
| **Maximum Output Current** | 500 mA |
| **Dropout Voltage** | 200 mV (typical at 500 mA) |
| **PSRR (Power Supply Rejection Ratio)** | 60 dB at 10 kHz |
| **Output Noise** | 15 µV rms (10 Hz to 100 kHz) |
| **Package Type** | 8-lead LFCSP (3mm x 3mm) |
| **Operating Temperature** | -40°C to +125°C |
---
### ### Key Features and Components
1. **Low Noise Performance:**
With only 15 µV rms noise, it is ideal for powering sensitive components like Analog-to-Digital Converters (ADCs), Digital-to-Analog Converters (DACs), and precision amplifiers.
2. **Wide Input Range:**
The ability to handle up to 20V makes it versatile for industrial applications and systems with varying battery voltages.
3. **Soft Start Capability:**
The device includes an internal soft-start mechanism to limit inrush current during startup, protecting the rest of the circuit.
4. **Precision Enable:**
It features a precision enable input with a logic threshold, allowing for controlled sequencing of power rails.
5. **Protection Circuitry:**
* **Current-Limit Protection:** Prevents damage during short-circuit conditions.
* **Thermal Shutdown (TSD):** Automatically shuts down the part if the junction temperature exceeds safety limits.
---
### ### Application Circuit Layout
To ensure stability, the ADP7104 requires high-quality ceramic capacitors. A typical implementation involves:
```c
// Example Component Selection for Stability
Input_Capacitor = 1.0uF (X5R or X7R Dielectric);
Output_Capacitor = 1.0uF (Low ESR, essential for stability);
```
### ### Part Number Breakdown (ADP7104ACPZ-9.0-R7)
* **ADP7104**: Model series (500 mA LDO).
* **ACPZ**: Package code (LFCSP - Lead Frame Chip Scale Package, RoHS compliant).
* **9.0**: Fixed output voltage of 9.0 Volts.
* **R7**: Packaging type (7-inch reel containing 3,000 units).
- ⤷
What are the main differences between the fixed and adjustable versions of the ADP7104?
- ⤷ How does the thermal resistance of the LFCSP package affect its power dissipation limits?
- ⤷ Can this LDO be used with an input voltage very close to 9.0V?