ADP7118ACPZN-R7
AI

## Technical Overview of ADP7118ACPZN-R7
The **ADP7118ACPZN-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable, low-noise output voltage for high-precision analog and mixed-signal circuits.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 2.7 V to 20 V |
| **Maximum Output Current** | 200 mA |
| **Fixed/Adjustable** | Adjustable (via external resistors) |
| **Dropout Voltage** | 200 mV (typical at 200 mA load) |
| **PSRR** | 88 dB at 10 kHz; 40 dB at 1 MHz |
| **Output Noise** | 11 µV rms (independent of output voltage) |
| **Package Type** | 6-lead LFCSP (2mm x 2mm) |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Core Functional Components
The internal architecture of the ADP7118 consists of several critical electronic stages:
1. **Internal Reference:** A high-precision bandgap reference that ensures low noise and high stability across temperature changes.
2. **Error Amplifier:** Compares the feedback voltage from the output to the internal reference to maintain a constant voltage.
3. **Pass Transistor:** A PMOS pass element that handles the current flow from input to output. Its low "on-resistance" allows for the low dropout characteristic.
4. **Soft Start Circuitry:** Controls the ramp-up of the output voltage to prevent inrush current during startup.
5. **Protection Blocks:**
* **Thermal Shutdown:** Protects the device from overheating.
* **Current Limit:** Prevents damage in case of a short circuit.
---
### 3. Application Circuit Example
To use the adjustable version of this LDO, external resistors ($R_1$ and $R_2$) are required to set the output voltage ($V_{OUT}$).
```python
# Formula for calculating Output Voltage
# V_out = V_ref * (1 + R1 / R2)
# Where V_ref is typically 1.2V
V_ref = 1.2
R1 = 10000 # 10k Ohms
R2 = 5000 # 5k Ohms
V_out = V_ref * (1 + R1 / R2)
print(f"Calculated Output: {V_out}V") # Output will be 3.6V
```
---
### 4. Typical Use Cases
* **ADC/DAC Supplies:** Providing clean power to high-resolution converters to prevent noise interference.
* **RF Applications:** Low noise and high Power Supply Rejection Ratio (PSRR) make it ideal for powering oscillators and LNAs.
* **Industrial/Automotive:** Wide input voltage (up to 20V) allows it to handle unregulated rails in harsh environments.
- ⤷
What are the specific advantages of the LFCSP package for this regulator?
- ⤷ How does the PSRR performance of the ADP7118 compare to standard LDOs?
- ⤷ What capacitor values are recommended for the input and output filters?