ADP7118ARDZ-2.5-R7
AI

The **ADP7118ARDZ-2.5-R7** is a high-performance CMOS, low dropout (LDO) linear regulator. It is designed for applications requiring very low noise and high power supply rejection ratios (PSRR) to power sensitive analog and mixed-signal components.
---
## 1. Technical Specifications
Below are the primary electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 2.7 V to 20 V |
| **Output Voltage (Fixed)** | 2.5 V |
| **Maximum Output Current** | 200 mA |
| **Dropout Voltage** | 200 mV (typical at 200 mA) |
| **Output Noise** | 11 μV rms (10 Hz to 100 kHz) |
| **PSRR** | 88 dB (at 10 kHz), 50 dB (at 1 MHz) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) |
---
## 2. Key Electronic Features
### A. Low Noise and High PSRR
The device is optimized for "clean" power. The high PSRR ensures that high-frequency noise from switching power supplies (DC-DC converters) is filtered out before reaching the load. This makes it ideal for powering ADCs, DACs, and precision amplifiers.
### B. Wide Input Voltage Range
Unlike many LDOs that are limited to 5V or 6V, the ADP7118 can handle up to **20V**. This allows it to regulate down from standard 12V or 15V industrial rails directly.
### C. Precision Enable
The device features a precision enable input. This allows the regulator to be turned on or off with specific logic levels, which is useful for sequencing power rails in complex systems.
### D. Stability with Small Capacitors
The regulator is stable with small **2.2 μF ceramic output capacitors**, which saves PCB space and reduces costs compared to larger electrolytic or tantalum capacitors.
---
## 3. Part Number Breakdown
Understanding the suffix codes for this specific part:
| Code Segment | Meaning |
| :--- | :--- |
| **ADP7118** | Base Series Number |
| **ARDZ** | Package: SOIC (R) with Exposed Pad (D), RoHS Compliant (Z) |
| **2.5** | Fixed Output Voltage (2.5 Volts) |
| **R7** | Packaging: 7-inch Reel (approx. 1,000 units) |
---
## 4. Typical Application Circuit
A standard implementation requires only two external capacitors:
```text
Input (2.7V - 20V) ----[ C_IN: 2.2uF ]----| VIN VOUT |----[ C_OUT: 2.2uF ]---- Output (2.5V)
| EN |
| GND |
```
---
- ⤷
What is the thermal significance of the 'Exposed Pad' in the ARDZ package?
- ⤷ Can the ADP7118 be used in an adjustable voltage configuration?
- ⤷ How does the noise performance change if the output capacitor value is increased?