ADP7142ARDZ-1.8-R7
AI

The **ADP7142ARDZ-1.8-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable, low-noise power supply for sensitive analog and mixed-signal circuits.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | Fixed 1.8V |
| **Input Voltage Range** | 2.7V to 40V |
| **Max Output Current** | 200 mA |
| **Dropout Voltage** | 200 mV (typical at 200 mA) |
| **PSRR (at 10 kHz)** | > 60 dB |
| **Low Noise** | 11 µV rms (10 Hz to 100 kHz) |
| **Quiescent Current** | 180 µA (typical at no load) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Physical and Packaging Details
The "ARDZ-1.8-R7" suffix provides specific information regarding the physical format and shipping:
* **Package Type:** 8-Lead SOIC_N_EP (Small Outline Integrated Circuit with an **Exposed Pad** for thermal dissipation).
* **Tape and Reel:** The "R7" indicates it is supplied on a 7-inch reel.
* **RoHS Compliant:** The "Z" indicates the device is lead-free.
---
### 3. Functional Features
* **High Input Voltage:** Unlike many LDOs that cap at 5V or 12V, this part handles up to 40V, making it ideal for industrial 24V rails.
* **Precision Enable:** Features a high-accuracy enable pin threshold, allowing the device to be used for power sequencing or as a programmable UVLO (Under Voltage Lockout).
* **Thermal Protection:** Includes thermal shutdown and current-limit protection to prevent damage during fault conditions.
* **Stability:** Optimized for use with small, low-ESR ceramic output capacitors (typically 2.2 µF).
---
### 4. Typical Application Circuit
The ADP7142 is simple to integrate. Below is a conceptual representation of the pin connections:
```text
[Input Voltage 2.7V-40V] ----> VIN (Pin 8)
|
[2.2uF Cap] --- GND
|
[Enable Signal] -------------> EN (Pin 5)
|
[1.8V Output] <--------------- VOUT (Pin 1)
|
[2.2uF Cap] --- GND
```
---
### 5. Common Use Cases
1. **ADC/DAC Powering:** Its low-noise profile ensures high-speed converters maintain accuracy.
2. **Industrial Sensors:** High input voltage tolerance is perfect for 24V industrial loops.
3. **Medical Equipment:** Reliable regulation for sensitive diagnostic tools.
4. **RF Systems:** Clean power for VCOs and mixers.
---
- ⤷What is the significance of the Exposed Pad (EP) in the SOIC package for this regulator?
- ⤷ How does the PSRR of the ADP7142 compare to standard switching regulators?
- ⤷ Can this LDO be used in parallel to increase the output current beyond 200mA?