ADP7142AUJZ-R7
AI

The **ADP7142AUJZ-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide ultra-low noise and high Power Supply Rejection Ratio (PSRR) for sensitive analog and mixed-signal circuits.
---
### ## Technical Specifications
The following table summarizes the key electrical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 2.7 V to 40 V |
| **Maximum Output Current** | 200 mA |
| **Output Voltage Options** | Fixed (1.2V to 5V) or Adjustable (1.2V to $V_{IN} - V_{DO}$) |
| **Dropout Voltage** | 200 mV (typical at 200 mA load) |
| **PSRR** | 60 dB at 10 kHz; 40 dB at 1 MHz |
| **Low Noise** | 11 μV rms (10 Hz to 100 kHz) |
| **Package Type** | 5-lead TSOT (Thin SOT-23) |
| **Operating Temperature** | -40°C to +125°C |
---
### ### Key Components and Features
1. **Wide Input Voltage Range (Up to 40V):**
Unlike standard LDOs that often cap at 5.5V or 12V, this part can handle high-voltage industrial rails, making it ideal for regulating 24V or 28V systems down to low-voltage logic.
2. **Ultra-Low Noise:**
The 11 μV rms noise floor ensures that it does not interfere with sensitive components like Analog-to-Digital Converters (ADCs), Digital-to-Analog Converters (DACs), or high-precision amplifiers.
3. **High PSRR:**
The high Power Supply Rejection Ratio means the chip is excellent at filtering out "ripple" or noise coming from an upstream switching power supply (DC-DC converter).
4. **Soft Start Capability:**
It includes internal circuitry to control the output voltage ramp-up, which reduces inrush current during startup.
---
### ### Typical Application Circuit
To use the adjustable version of the ADP7142, a simple resistor divider is required:
```python
# Conceptual Pinout Connections
# VIN -> Input Voltage (with 2.2uF Capacitor to GND)
# GND -> System Ground
# EN -> Enable Pin (High = On, Low = Off)
# SENSE -> Feedback for Fixed / ADJ pin for Adjustable
# VOUT -> Regulated Output (with 2.2uF Capacitor to GND)
```
---
### ### Common Use Cases
* **Industrial Automation:** Sensor power supplies and PLC modules.
* **Medical Equipment:** Low-noise power for imaging and diagnostic tools.
* **Precision Instrumentation:** Powering high-resolution data converters.
* **Automotive:** Post-regulation for high-voltage battery rails.
- ⤷
What is the difference between the fixed and adjustable versions of the ADP7142?
- ⤷ What are the recommended capacitor types for stable operation of this LDO?
- ⤷ How does the thermal protection mechanism work in the ADP7142?