ADP7156ACPZ-2.8-R7
AI

The **ADP7156ACPZ-2.8-R7** is a high-performance, ultra-low noise, linear low dropout (LDO) regulator manufactured by Analog Devices. It is specifically designed to provide clean power to noise-sensitive precision analog circuits.
---
### ## Technical Specifications
Below are the key electrical and physical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 2.8V (Fixed) |
| **Input Voltage Range** | 2.3V to 5.5V |
| **Max Output Current** | 1.2 A |
| **Dropout Voltage** | 120 mV (Typical at 1.2 A) |
| **Noise Density** | 1.7 nV/√Hz (above 10 kHz) |
| **PSRR** | >80 dB (1 kHz to 100 kHz) |
| **Package** | 8-Lead LFCSP (3mm x 3mm) |
| **Operating Temp** | -40°C to +125°C |
---
### ## Core Electronic Components & Architecture
The internal design of the ADP7156 involves several critical stages to ensure high stability and low noise:
1. **Ultra-Low Noise Reference:** Unlike standard LDOs, the ADP7156 uses a proprietary architecture to isolate the error amplifier from the noise generated by the internal reference.
2. **Pass Transistor:** It utilizes a PMOS pass element, allowing for a very low dropout voltage, which increases efficiency and reduces heat dissipation.
3. **Error Amplifier:** High-gain, wide-bandwidth amplifier that ensures rapid response to load transients while maintaining high PSRR (Power Supply Rejection Ratio).
4. **Soft Start Circuitry:** Controls the output voltage ramp-up to prevent inrush currents that could damage downstream components.
---
### ## Pin Configuration (8-Lead LFCSP)
| Pin # | Name | Description |
| :--- | :--- | :--- |
| 1 | **VOUT** | Regulated output voltage (2.8V). |
| 2 | **VOUT_S** | Output sense pin for tight load regulation. |
| 3 | **GND** | Ground reference. |
| 4 | **REF_S** | Reference sense; connect to a bypass capacitor for noise reduction. |
| 5 | **BYP** | Bypass pin for the internal reference noise filter. |
| 6 | **EN** | Enable pin (High = ON, Low = OFF). |
| 7 | **VIN** | Unregulated input supply voltage. |
| 8 | **NC** | No internal connection. |
| EP | **Exposed Pad** | Must be soldered to the PCB ground plane for thermal dissipation. |
---
### ## Application Use Cases
Because of its extremely low noise floor (1.7 nV/√Hz), this part is ideal for:
* **ADC/DAC Powering:** Providing clean rails for high-speed data converters.
* **RF Components:** Powering Phase Locked Loops (PLLs) and Voltage Controlled Oscillators (VCOs).
* **Precision Instrumentation:** Powering low-noise amplifiers (LNAs) and sensors where power supply noise would degrade signal integrity.
- ⤷
What are the recommended values for the input and output capacitors for this LDO?
- ⤷ How does the 'Fixed' output version differ from the 'Adjustable' version in the ADP7156 series?
- ⤷ What are the thermal considerations for operating this part at the full 1.2A load?