ADP7156ARDZ-1.2-R7
AI

The **ADP7156ARDZ-1.2-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for noise-sensitive applications, providing an ultra-low noise power supply for high-speed analog and mixed-signal circuits.
---
### ## Technical Specifications
| Parameter | Value / Detail |
| :--- | :--- |
| **Output Voltage** | Fixed 1.2V |
| **Input Voltage Range** | 2.3V to 5.5V |
| **Maximum Output Current** | 1.2 A |
| **PSRR (Power Supply Rejection Ratio)** | >80 dB at 1 kHz; >60 dB at 1 MHz |
| **Output Noise** | 0.9 µV rms (100 Hz to 100 kHz) |
| **Dropout Voltage** | 120 mV (typical) at 1.2 A load |
| **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) |
| **Operating Temperature** | -40°C to +125°C |
---
### ## Core Electronic Features
1. **Ultra-Low Noise Architecture**:
The device utilizes a proprietary architecture that achieves a noise floor of roughly **1.7 nV/√Hz** above 10 kHz. This is critical for preventing phase noise in RF components and jitter in high-speed clocks.
2. **High PSRR**:
It effectively filters out ripples from switching power supplies (DC-DC converters), ensuring a clean DC output.
3. **Precision Enable**:
Features a precision enable input that allows the device to be turned on or off with a specific logic threshold, facilitating power sequencing in complex systems.
4. **Thermal and Current Protection**:
Includes internal thermal shutdown and current-limit protection to prevent damage during fault conditions (short circuits or overheating).
---
### ## Typical Application Circuit
To achieve the specified performance, the ADP7156 requires specific external capacitors.
```markdown
V_IN ----[ C_IN: 10uF ]----( VIN ) ( VOUT )----[ C_OUT: 10uF ]---- V_OUT (1.2V)
( EN ) ( VREG )----[ C_REG: 10uF ]
( REF ) ( BYP )----[ C_BYP: 1uF ]
( GND )-------( PAD )
```
### ## Component Selection Guide
* **C_IN / C_OUT**: Use 10 µF ceramic capacitors (X5R or X7R) for stability.
* **C_REG**: A 10 µF capacitor is required to stabilize the internal regulator.
* **C_BYP**: A 1 µF capacitor is used to bypass the internal reference to achieve ultra-low noise performance.
---
### ## Common Use Cases
* **Data Converters**: Powering high-speed ADCs and DACs.
* **RF Components**: Supplying power to PLLs, VCOs, and low-noise amplifiers (LNAs).
* **Communications**: Basestations and networking equipment requiring 1.2V digital cores with low interference.
* **Medical Imaging**: High-precision instrumentation where signal integrity is paramount.
- ⤷What is the significance of the 'EP' in the SOIC_N_EP package for this LDO?
- ⤷ How does the ADP7156 compare to the ADP7157 or ADP7158 series?
- ⤷ Can this regulator be used for 1.2V FPGA core rails?