ADP7156ARDZ-2.5-R7
AI

## ADP7156ARDZ-2.5-R7: Technical Overview
The **ADP7156ARDZ-2.5-R7** is a high-performance, ultra-low noise, linear low dropout (LDO) regulator manufactured by **Analog Devices**. It is designed specifically for high-speed, noise-sensitive applications where power supply purity is critical.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 2.5 V |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Maximum Output Current** | 1.2 A |
| **PSRR (Power Supply Rejection Ratio)** | >80 dB at 1 kHz; >60 dB at 1 MHz |
| **RMS Noise** | 0.9 µV rms (100 Hz to 100 kHz) |
| **Dropout Voltage** | 120 mV (typical at 1.2 A load) |
| **Package** | 8-Lead SOIC_N_EP (Exposed Pad) |
---
### 2. Core Functional Components
The internal architecture of the ADP7156 is optimized for speed and silence:
* **Ultra-Low Noise Architecture:** It utilizes a proprietary advanced architecture to achieve noise levels below 1 µV, making it ideal for powering sensitive ADCs, DACs, and VCOs.
* **Precision Reference:** An internal bandgap reference provides high accuracy over temperature and line variations.
* **Error Amplifier:** A high-bandwidth error amplifier ensures fast transient response to sudden changes in load current.
* **Soft Start:** Includes circuitry to control the ramp-up of the output voltage, reducing inrush current during startup.
* **Enable (EN) Pin:** Allows the device to be turned on or off digitally to save power in standby modes.
---
### 3. Critical External Components
To achieve the specified performance, the following external parts are required:
1. **Input Capacitor ($C_{IN}$):** Typically a 10 µF ceramic capacitor is placed close to the VIN pin to provide local decoupling.
2. **Output Capacitor ($C_{OUT}$):** A 10 µF ceramic capacitor (low ESR) is required for stability and to improve transient response.
3. **Noise Reduction Capacitor ($C_{NR}$):** A capacitor (usually 1 µF) connected to the VREG pin to further filter internal reference noise.
4. **BYP Capacitor:** A capacitor connected to the bypass pin to filter noise from the internal error amplifier.
---
### 4. Typical Applications
Due to its 1.2 A current capacity and ultra-low noise floor, it is commonly found in:
* Phase-locked loops (PLLs) and Voltage-controlled oscillators (VCOs).
* High-speed Analog-to-Digital Converters (ADCs).
* RF Transceivers and sensitive communication infrastructure.
* Medical imaging and precision instrumentation.
---
### 5. Part Number Breakdown
* **ADP7156:** Model series.
* **ARDZ:** Package type (SOIC with Exposed Pad).
* **2.5:** Fixed output voltage of 2.5 Volts.
* **R7:** Packaging format (7-inch Reel).
- ⤷
How does the noise performance of the ADP7156 compare to standard LDOs?
- ⤷ What are the thermal considerations for the SOIC_N_EP package at 1.2A load?
- ⤷ Can the ADP7156 be used for adjustable voltage outputs or is it strictly fixed?