Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADP7157ACPZ-01-R7

  • AI
    The **ADP7157ACPZ-01-R7** is a high-performance, ultra-low noise, high Power Supply Rejection Ratio (PSRR) linear regulator (LDO) manufactured by Analog Devices. It is specifically designed to power noise-sensitive precision analog and mixed-signal circuits. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Input Voltage Range** | 2.3 V to 5.5 V | | **Output Voltage (Fixed)** | 1.2 V (Note: The "-01" indicates the voltage variant) | | **Maximum Output Current** | 1.2 A | | **Noise (10 Hz to 100 kHz)** | 0.9 µV rms (Typical) | | **PSRR (100 kHz to 1 MHz)** | > 70 dB | | **Dropout Voltage** | 120 mV (Typical at 1.2 A) | | **Package** | 10-lead LFCSP (3 mm × 3 mm) | --- ### 2. Functional Description The device utilizes an advanced proprietary architecture to achieve its high performance. Key internal components include: * **Error Amplifier:** High-gain amplifier that maintains tight regulation even under heavy loads. * **Low Noise Reference:** A specialized internal reference that minimizes the "flicker" noise typical in semiconductor devices. * **Soft Start:** Includes a programmable soft-start feature to limit inrush current during startup. * **Precision Enable:** Allows the device to be turned on/off with a logic signal, suitable for sequencing multiple power rails. --- ### 3. Application Areas Due to its ultra-clean output, this LDO is commonly found in: 1. **ADC/DAC Powering:** Minimizing clock jitter and signal distortion in converters. 2. **RF Communications:** Powering VCOs (Voltage Controlled Oscillators) and PLLs (Phase Locked Loops) where phase noise is critical. 3. **Medical Imaging:** Used in ultrasound and high-resolution imaging sensors. 4. **Scientific Instrumentation:** Precision measurement tools requiring stable, low-noise voltage rails. --- ### 4. Circuit Implementation Example To achieve the specified noise performance, specific capacitor values are required. ```markdown Typical External Components: - Input Capacitor (Cin): 10 µF (Ceramic, Low ESR) - Output Capacitor (Cout): 10 µF (Ceramic, Low ESR) - VREG Capacitor (Cvreg): 1 µF - REF Capacitor (Cref): 1 µF (Critical for noise reduction) - BYP Capacitor (Cbyp): 1 µF ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the ADP7157 and the ADP7158 series?
    • ⤷ How does the noise performance of this LDO compare to a standard switching regulator?
    • ⤷ Can this part be used for adjustable output voltage configurations?