ADP7157ARDZ-02-R7
AI

## Overview of ADP7157ARDZ-02-R7
The **ADP7157ARDZ-02-R7** is a high-performance, ultra-low noise, high Power Supply Rejection Ratio (PSRR) Linear Regulator (LDO). It is manufactured by Analog Devices and is specifically designed to provide clean power to noise-sensitive precision analog circuits.
---
### Key Technical Specifications
| Parameter | Value / Specification |
| :--- | :--- |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Output Voltage (Fixed)** | 1.2 V (indicated by the "-02" suffix) |
| **Maximum Output Current** | 1.2 A |
| **Noise (10 Hz to 100 kHz)** | 1.6 µV rms |
| **PSRR** | >82 dB at 1 kHz; >55 dB at 1 MHz |
| **Dropout Voltage** | 120 mV (typical at 1.2 A load) |
| **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) |
| **Operating Temperature** | -40°C to +125°C |
---
### Core Features and Benefits
1. **Ultra-Low Noise:** With a noise floor of 1.6 µV rms, it is ideal for powering high-resolution ADCs, DACs, and precision VCOs where power supply noise can degrade system performance.
2. **High PSRR:** It effectively filters out ripples from switching power supplies, ensuring a stable and "quiet" output even in noisy environments.
3. **Adjustable Soft Start:** Allows the user to control the ramp-up time of the output voltage to minimize inrush current.
4. **Precision Enable:** High-accuracy enable threshold allows the part to be used for precise power sequencing.
5. **Thermal Management:** The SOIC_N_EP package features an exposed thermal pad that must be soldered to the PCB to dissipate heat efficiently.
---
### Pin Configuration Summary
| Pin No. | Name | Description |
| :--- | :--- | :--- |
| 1 | **VOUT** | Regulated Output Voltage. |
| 2 | **VOUT_S** | Output Voltage Sense input for tight regulation. |
| 3 | **VIN** | Regulator Input Supply. |
| 4 | **VIN** | Regulator Input Supply (redundant for current capacity). |
| 5 | **EN** | Enable Input. Drive high to turn on the regulator. |
| 6 | **SS** | Soft Start pin. Connect a capacitor to set start-up time. |
| 7 | **REF_FIL** | Reference Filter pin. Connect a capacitor to reduce noise. |
| 8 | **GND** | Ground. |
| EP | **PAD** | Exposed Pad. Must be connected to Ground for thermal relief. |
---
### Typical Application Circuit
To ensure stability and low-noise performance, specific capacitor types are required:
```markdown
- Input Capacitor (Cin): 10 µF (Ceramic, Low ESR)
- Output Capacitor (Cout): 10 µF (Ceramic, Low ESR)
- Noise Reduction Capacitor (Cref_fil): 1 µF
- Soft Start Capacitor (Css): Optional (e.g., 10 nF)
```
- ⤷
What is the significance of the '-02' suffix in the part number?
- ⤷ How does the 'Exposed Pad' impact the PCB layout requirements?
- ⤷ In what scenarios would I choose this LDO over a standard switching regulator?