ADP7158ARDZ-2.5-R7
AI

The **ADP7158ARDZ-2.5-R7** is a high-performance linear regulator (LDO) manufactured by Analog Devices. It is specifically engineered for noise-sensitive applications where high current and extreme signal purity are required.
---
### ## Technical Specifications
The following table highlights the core electrical characteristics of this specific variant:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 2.5 V |
| **Maximum Output Current** | 2.0 A |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **PSRR (Power Supply Rejection Ratio)** | >60 dB at 1 MHz; 92 dB at 10 kHz |
| **Output Noise** | 0.9 µV rms (100 Hz to 100 kHz) |
| **Package / Case** | 8-Lead SOIC-EP (Exposed Pad) |
| **Operating Temperature** | -40°C to +125°C |
---
### ## Key Electronic Components & Internal Features
The ADP7158 utilizes a unique architecture to achieve its ultra-low noise performance:
1. **Error Amplifier:** A high-gain amplifier that compares the feedback voltage against an internal reference to maintain a steady 2.5V output.
2. **Pass Transistor:** A PMOS pass element capable of handling up to 2.0A of current with low dropout voltage.
3. **VREG and VREF Filters:** The device uses external capacitors (connected to the `VREG` and `REF_SENSE` pins) to filter out internal reference noise, resulting in a cleaner output.
4. **Precision Enable (EN):** This allows for logic-controlled power-up and power-down, which is essential for sequencing in complex systems.
5. **Soft Start:** To prevent inrush current during startup, the device features a controlled ramp-up mechanism.
---
### ## Pin Configuration Summary
| Pin Name | Description |
| :--- | :--- |
| **VIN** | Regulator Input Supply. |
| **VOUT** | Regulated 2.5V Output. |
| **EN** | Enable Input (Active High). |
| **VREG** | Regulated voltage for internal circuitry; requires a bypass capacitor. |
| **REF** | Reference Voltage Output. |
| **REF_SENSE** | Reference sense input; used for noise filtering. |
| **GND** | Ground. |
| **EP (Exposed Pad)** | Must be soldered to the PCB ground plane for thermal dissipation. |
---
### ## Typical Application Use-Cases
Because of its ultra-low noise floor (sub-1 µV), this part is typically used in:
* **ADC/DAC Powering:** Ensuring no power supply noise aliases into the signal path.
* **RF Components:** Powering Low Noise Amplifiers (LNAs) and VCOs.
* **Precision Instrumentation:** Where even micro-volts of noise can cause measurement errors.
* **Medical Imaging:** For high-resolution sensor arrays.
- ⤷
How does the 'Exposed Pad' impact the thermal management of this LDO?
- ⤷ What are the recommended values for the external filter capacitors?
- ⤷ How does the PSRR of the ADP7158 compare to standard LDOs like the LM1117?