Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADP8140ACPZ-1-R7

  • AI
    ## Electronic Overview of ADP8140ACPZ-1-R7 The **ADP8140ACPZ-1-R7** is a high-voltage, four-channel linear LED driver manufactured by Analog Devices. It is specifically designed to provide high-current control for LED lighting applications, offering significant flexibility in how LEDs are powered and dimmed. --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices | | **Function** | Linear LED Driver | | **Number of Outputs** | 4 Channels | | **Input Voltage Range** | 3 V to 30 V | | **Output Current** | Up to 500 mA per channel | | **Package Type** | LFCSP-16 (Lead Frame Chip Scale Package) | | **Operating Temp** | -40°C to +125°C | --- ### Key Electronic Components & Internal Architecture The device integrates several critical blocks to manage power and protection: 1. **High-Side Current Sense:** The IC monitors current at the high side, allowing the cathodes of the LEDs to be connected to a common ground or a power bus, which simplifies wiring in large arrays. 2. **Adaptive Feedback Control:** It features a feedback pin (FB) that can interface with external DC-DC regulators. This adjusts the voltage supply dynamically to ensure the minimum required "headroom" voltage, maximizing efficiency and reducing heat. 3. **PWM Dimming Interface:** Each channel can be controlled via Pulse Width Modulation (PWM) for precise brightness adjustment without shifting the LED color spectrum. 4. **Fault Protection:** * **Overtemperature Protection:** Internally throttles or shuts down if the die temperature exceeds limits. * **Open/Short Circuit Detection:** Identifies failures in the LED strings to prevent damage to the driver. --- ### Typical Application Circuit Example When designing with this part, the configuration usually involves an external power MOSFET if higher voltages are required beyond the chip's internal limits, though the ADP8140 often handles the current sinks directly. ```cpp // Logic-level representation of brightness control void setBrightness(int channel, int percentage) { // Map 0-100% to PWM duty cycle int dutyCycle = map(percentage, 0, 100, 0, 255); analogWrite(ADP8140_PWM_PIN[channel], dutyCycle); } ``` --- ### Pin Functionality Highlights * **VIN:** Input power supply. * **CH1–CH4:** Drain connections for the four internal current-regulating channels. * **FB (Feedback):** Sends a signal to an external power supply to optimize the voltage rail. * **PWM:** Input pins for brightness control. * **EP (Exposed Pad):** Must be soldered to the PCB ground plane for thermal dissipation. --- ### Common Use Cases * Automotive interior and exterior lighting. * High-brightness LED backlighting. * Industrial lighting fixtures. * Instrumentation displays.
    ✨ Follow-up Questions
    • ⤷ What is the maximum total current output if all four channels are used simultaneously?
    • ⤷ How does the adaptive feedback mechanism improve energy efficiency in this LED driver?
    • ⤷ What are the thermal management requirements for the LFCSP-16 package at high current?