Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADPA7006CHIP

  • AI
    ## Overview of the ADPA7006CHIP The **ADPA7006CHIP** is a Gallium Arsenide (GaAs), pseudomorphic High Electron Mobility Transistor (pHEMT), Monolithic Microwave Integrated Circuit (MMIC). It is specifically designed as a power amplifier for high-frequency applications. --- ### Key Technical Specifications | Parameter | Specification | |:---|:---| | **Frequency Range** | 18 GHz to 44 GHz | | **Output Power (P1dB)** | 28 dBm (Typical) | | **Saturated Output Power (Psat)** | 30 dBm (Typical) | | **Gain** | 22 dB (Typical) | | **Supply Voltage (Vdd)** | 5V | | **Supply Current (Idq)** | 800 mA | | **Technology** | GaAs pHEMT | --- ### Internal Functional Blocks The chip architecture is designed for efficiency and high gain across a wide bandwidth: 1. **Multi-stage Amplification:** The chip utilizes multiple internal stages to achieve a high gain of 22 dB. 2. **Integrated RF Chokes:** Includes internal circuitry to bias the transistor while preventing RF signals from leaking into the DC power supply. 3. **DC Blocking:** The RF input and output are internally matched to 50 $\Omega$, but usually require external DC blocks depending on the specific application circuit. 4. **Temperature Compensation:** The chip features an integrated temperature-compensated on-chip power detector to monitor output power levels accurately. --- ### Applications The ADPA7006CHIP is primarily used in high-performance microwave and millimeter-wave systems: * **Point-to-Point Radios:** High-speed wireless data backhaul. * **Military & Space:** Radar systems, electronic warfare, and satellite communications (SATCOM). * **Test and Measurement:** Used in signal generators and network analyzers. * **5G Infrastructure:** High-frequency small cell base stations. --- ### Usage Considerations * **Thermal Management:** Due to the high current density and power output, the chip must be attached to a high-thermal-conductivity heat sink or baseplate using conductive epoxy or gold-tin (AuSn) solder. * **ESD Sensitivity:** As a GaAs device, it is highly sensitive to Electrostatic Discharge (ESD). Class 1A handling precautions are required. * **Biasing Sequence:** It is critical to apply the negative gate voltage ($V_{gg}$) before the positive drain voltage ($V_{dd}$) to prevent device destruction.
    ✨ Follow-up Questions
    • ⤷ What is the recommended power-up biasing sequence for the ADPA7006?
    • ⤷ How does the integrated power detector function in this chip?
    • ⤷ What are the physical dimensions and mounting requirements for the CHIP version versus a packaged version?