AI

## ADR293TRU-EP-R7: Technical Specifications and Overview
The **ADR293TRU-EP-R7** is a precision, low-power, bandgap voltage reference manufactured by Analog Devices. The "EP" suffix denotes it belongs to the **Enhanced Product** line, specifically designed for aerospace, defense, and high-reliability industrial applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 5.0 V |
| **Input Voltage Range** | 6.0 V to 15 V |
| **Initial Accuracy** | ±10 mV (max) |
| **Temperature Coefficient** | 30 ppm/°C |
| **Quiescent Current** | 20 µA (max) |
| **Output Current Drive** | ±5 mA |
| **Operating Temperature** | -55°C to +125°C (Military Range) |
| **Package Type** | 8-lead TSSOP |
---
### 2. Core Functional Features
* **Low Current Consumption:** With a maximum quiescent current of 20 µA, this part is ideal for battery-operated precision instruments.
* **Enhanced Product (EP) Features:**
* Controlled manufacturing baseline.
* Gold wire bonds.
* One-lot/one-date code.
* Extended product life cycle.
* **Low Noise:** It provides a stable, low-noise reference signal essential for high-resolution Data Converters (ADCs and DACs).
* **No External Capacitor Required:** It remains stable without an external output capacitor, saving PCB space, though one can be added to improve transient response.
---
### 3. Pin Configuration (8-Lead TSSOP)
| Pin No. | Mnemonic | Description |
| :--- | :--- | :--- |
| 1, 8 | DNC | Do Not Connect. |
| 2 | $V_{in}$ | Input Voltage Supply. |
| 4 | GND | Ground. |
| 6 | $V_{out}$ | Reference Voltage Output (5.0V). |
| 3, 5, 7 | NC | No Internal Connection. |
---
### 4. Typical Applications
1. **Precision Data Acquisition:** Providing the reference voltage for 12-bit to 16-bit ADCs.
2. **Medical Instrumentation:** Used in portable diagnostic equipment requiring high reliability and low power.
3. **Aerospace/Defense:** Utilized in telemetry and flight control systems due to the EP (Enhanced Product) certification.
4. **Remote Sensors:** Ideal for 4 mA to 20 mA transmitter loops where power efficiency is critical.
---
### 5. Part Number Breakdown
* **ADR293**: Series (5.0V output, Low Power).
* **T**: Performance Grade (Temperature/Accuracy specs).
* **RU**: Package Code (TSSOP).
* **EP**: Enhanced Product (Military/Harsh Environment).
* **R7**: Tape and Reel (7-inch reel size).
- ⤷
How does the 'EP' designation differ from standard commercial grade parts in terms of testing?
- ⤷ What are the recommended input bypass capacitor values for optimal stability?
- ⤷ Can the ADR293TRU-EP-R7 be used in radiation-hardened environments?