ADR3425ARJZ-R7
AI

## Technical Overview of ADR3425ARJZ-R7
The **ADR3425ARJZ-R7** is a high-precision, low-power, low-noise CMOS voltage reference. It is part of the ADR34xx family from Analog Devices, specifically designed for applications where high accuracy and stability are required in a compact form factor.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 2.5 V |
| **Initial Accuracy** | ±0.1% (Maximum) |
| **Temperature Coefficient** | 8 ppm/°C |
| **Input Voltage Range** | 2.7 V to 5.5 V |
| **Quiescent Current** | 100 µA (Maximum) |
| **Output Current Drive** | ±10 mA |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | SOT-23-6 (indicated by the "RJ" suffix) |
---
### 2. Core Functional Components
The internal architecture of the ADR3425 includes several critical electronic stages:
1. **Band Gap Reference:** The core "engine" that generates the stable 2.5V reference voltage by utilizing the predictable thermal characteristics of silicon transistors.
2. **Error Amplifier:** Compares the output voltage against the internal reference and adjusts the output stage to maintain precision under varying loads.
3. **Output Buffer:** A high-drive stage that allows the chip to source or sink up to 10mA, enabling it to drive the reference inputs of ADCs or DACs without needing an external buffer.
4. **Trimming Circuitry:** During manufacturing, Analog Devices uses "laser trimming" to adjust internal resistors, ensuring the initial accuracy stays within the 0.1% margin.
---
### 3. Pin Configuration (SOT-23-6)
| Pin No. | Name | Description |
| :--- | :--- | :--- |
| 1 | **TP** | Test Pin (Leave unconnected) |
| 2 | **GND** | Ground |
| 3 | **EN** | Enable Pin (Active high) |
| 4 | **VIN** | Input Voltage Supply |
| 5 | **NC** | No Connect |
| 6 | **VOUT** | Reference Voltage Output |
---
### 4. Typical Application Use-Cases
The ADR3425 is commonly used as a stable "yardstick" for measurement systems:
* **Precision Data Acquisition:** Providing the reference voltage for 12-bit to 16-bit Analog-to-Digital Converters (ADCs).
* **Industrial Process Control:** Ensuring sensors maintain calibration across wide temperature ranges.
* **Battery Powered Gear:** Due to its low quiescent current (100µA), it is ideal for portable medical or handheld testing devices.
---
### 5. Part Number Breakdown
* **ADR3425**: Device Series (2.5V output).
* **A**: Accuracy Grade.
* **RJ**: SOT-23 Package.
* **Z**: RoHS Compliant (Lead-free).
* **R7**: Tape and Reel packaging (7-inch reel).
- ⤷
What are the layout best practices for minimizing noise in the ADR3425?
- ⤷ How does the 'Enable' pin affect current consumption in shutdown mode?
- ⤷ What is the difference between the ADR3425 and the ADR3450?