AI

The **ADR3533WBRMZ-R7** is a high-precision, low-power, CMOS voltage reference manufactured by **Analog Devices (ADI)**. It is specifically designed for automotive and high-reliability industrial applications.
Below is a detailed breakdown of its specifications, features, and technical characteristics.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 3.3 V |
| **Input Voltage Range** | 3.5 V to 5.5 V |
| **Initial Accuracy** | ±0.1% (Max) |
| **Temperature Coefficient** | 10 ppm/°C (Max) |
| **Output Current Drive** | +10 mA (Source) / -3 mA (Sink) |
| **Quiescent Current** | 100 µA (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | 8-Lead MSOP (RM-8) |
---
### 2. Functional Characteristics
#### A. Automotive Grade (W-Grade)
The "W" in the part number signifies that this component is **AEC-Q100 qualified**. This means it has undergone rigorous testing for reliability in harsh automotive environments, including high vibration and wide temperature swings.
#### B. Low Dropout and High Efficiency
With a maximum quiescent current of only 100 µA, it is ideal for battery-powered systems. It requires a very low headroom (dropout voltage) to maintain a stable 3.3V output, allowing it to function effectively even when the input voltage is close to the output.
#### C. Noise and Stability
The ADR3533 is designed for low-noise performance, which is critical for maintaining the bit-accuracy of high-resolution Analog-to-Digital Converters (ADCs). It is stable with or without an output capacitor, though a 0.1 µF to 10 µF capacitor is typically used to improve transient response.
---
### 3. Pin Configuration (8-Lead MSOP)
| Pin No. | Name | Description |
| :--- | :--- | :--- |
| 1 | NC | No Connect (Internally not connected) |
| 2 | VIN | Input Voltage Supply |
| 4 | GND | Ground |
| 6 | VOUT | Reference Voltage Output |
| 3, 5, 7, 8 | NC | No Connect / Reserved |
---
### 4. Application Use Cases
* **Automotive Systems:** Battery Management Systems (BMS), Powertrain control, and Infotainment.
* **Data Acquisition:** Serving as a precise reference for 12-bit to 16-bit ADCs and DACs.
* **Industrial Automation:** Process control and precision instrumentation.
* **Medical Equipment:** Portable monitoring devices requiring high stability and low power.
---
### 5. Part Number Decoding
The suffix **R7** indicates the packaging format:
* **RMZ:** MSOP package (RoHS compliant).
* **R7:** 7-inch Tape and Reel (usually containing 1,000 units).
- ⤷
What are the main differences between the ADR3533 and the ADR3525 model?
- ⤷ How does the temperature coefficient affect the precision of an ADC circuit?
- ⤷ Are there specific PCB layout recommendations for reducing noise in this voltage reference?