AI

The **ADR3540WBRMZ-R7** is a high-precision, low-power, CMOS voltage reference manufactured by **Analog Devices**. It is specifically designed for automotive and industrial applications where stability and efficiency are critical.
---
### 1. Key Technical Specifications
Below are the core technical parameters for the ADR3540WBRMZ-R7:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 4.096 V |
| **Input Voltage Range** | 4.296 V to 5.5 V |
| **Initial Accuracy** | ±0.1% (Maximum) |
| **Temperature Coefficient** | 8 ppm/°C (Maximum) |
| **Output Current Drive** | +10 mA (Source) / -3 mA (Sink) |
| **Quiescent Current** | 100 µA (Maximum) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | 8-Lead MSOP |
---
### 2. Core Functional Features
* **High Precision:** The 4.096 V output is specifically chosen to simplify calculations in digital systems. For a 12-bit ADC, this translates to exactly **1 mV per LSB**.
* **Low Quiescent Current:** At a maximum of 100 µA, it is ideal for battery-operated equipment and low-power sensor nodes.
* **Automotive Grade:** The "W" in the part number signifies that it is qualified for **automotive applications** (AEC-Q100), ensuring reliability under harsh vibration and temperature conditions.
* **Low Noise:** It offers low wideband noise, which is essential for maintaining the Signal-to-Noise Ratio (SNR) in high-resolution data converters.
---
### 3. Pin Configuration (8-Lead MSOP)
| Pin No. | Mnemonic | Description |
| :--- | :--- | :--- |
| 1, 8 | NIC | No Internal Connection. |
| 2 | $V_{in}$ | Input Voltage Supply. |
| 4 | GND | Ground Connection. |
| 6 | $V_{out}$ | Reference Voltage Output. |
| 3, 5, 7 | NC | No Connection. |
---
### 4. Typical Application Circuit
To ensure stability, a decoupling capacitor is required at the input, and an optional capacitor can be placed at the output to improve transient response.
```c
// Basic Hardware Layout Diagram
[Input 5V] ----+----[ Vin (Pin 2) ]
|
[0.1uF Cap]
|
[GND]
[Vout (Pin 6)] ----+----[ 4.096V Output to ADC ]
|
[1uF-10uF Cap]
|
[GND]
```
---
### 5. Part Number Breakdown: ADR3540WBRMZ-R7
* **ADR3540:** Model series (4.096V output version).
* **W:** Automotive qualified.
* **B:** Grade B (Higher accuracy/lower drift).
* **RM:** MSOP (Mini Small Outline Package).
* **Z:** RoHS compliant (Lead-free).
* **R7:** 7-inch reel packaging (Tape and Reel).
- ⤷
What are the main differences between the A and B grades of the ADR3540 series?
- ⤷ How does the output voltage stability change over the full automotive temperature range?
- ⤷ Can this part be used with a 3.3V power supply?