ADR361AUJZ-R2
AI

## Overview of the ADR361AUJZ-R2
The **ADR361AUJZ-R2** is a low-power, high-precision **Voltage Reference** integrated circuit manufactured by Analog Devices. It belongs to the ADR36x family, known for its small footprint and excellent temperature stability.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 2.5 V |
| **Input Voltage Range** | 2.8 V to 15 V |
| **Output Current** | 5 mA (Source) / 2 mA (Sink) |
| **Temperature Coefficient** | 25 ppm/°C (Maximum) |
| **Initial Accuracy** | ±0.2% (5 mV) |
| **Quiescent Current** | 190 µA (Maximum) |
| **Package Type** | TSOT-23-5 (UJ-5) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Functional Electronic Components
The internal architecture of the ADR361AUJZ-R2 consists of several critical electronic stages:
1. **Bandgap Reference Core:** The heart of the chip that generates a stable 2.5V output by balancing the negative temperature coefficient of a P-N junction against the positive temperature coefficient of a PTAT (Proportional To Absolute Temperature) current.
2. **Error Amplifier:** High-gain circuitry that compares the output voltage to the internal reference, ensuring the output remains constant despite fluctuations in load or input voltage.
3. **Output Buffer:** A low-impedance stage that allows the device to drive capacitive loads and provide up to 5mA of current without significant voltage drops.
4. **Trimming Circuitry:** During manufacturing, the device undergoes "laser trimming" to adjust internal resistors, achieving the high initial accuracy (0.2%).
---
### 3. Pin Configuration (TSOT-23-5)
| Pin Number | Mnemonic | Description |
| :--- | :--- | :--- |
| 1 | **$V_{in}$** | Input Voltage Supply |
| 2 | **GND** | Ground |
| 3 | **EN** | Enable Pin (Active High) |
| 4 | **NC** | No Connect |
| 5 | **$V_{out}$** | Reference Output Voltage |
---
### 4. Typical Application Circuit
To ensure the best performance, the following external components are typically used:
```c
// Recommended External Components
- Input Capacitor (Cin): 0.1 µF to 10 µF (Ceramic)
- Output Capacitor (Cout): 0.1 µF to 10 µF (Low ESR)
- Enable Pin: Connect to Vin for continuous operation
```
---
### 5. Common Use Cases
* **Precision Data Converters:** Providing the reference voltage for 12-bit to 16-bit ADCs and DACs.
* **Battery Powered Systems:** Due to its low quiescent current (190 µA).
* **Industrial Process Control:** Reliable performance in harsh temperature environments.
* **Automotive Systems:** Used in sensors requiring stable voltage rails.
- ⤷
What is the significance of the 'R2' suffix in the part number ADR361AUJZ-R2?
- ⤷ How does the enable pin (EN) affect the power consumption of the device?
- ⤷ What are the advantages of using a TSOT-23 package over a standard SOT-23?