ADR434TRZ-EP-R7
AI

## ADR434TRZ-EP-R7 Technical Overview
The **ADR434TRZ-EP-R7** is a high-precision, low-noise voltage reference component manufactured by Analog Devices. The "EP" designation indicates it belongs to the **Enhanced Product** family, designed for defense, aerospace, and high-reliability industrial applications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | 4.096 V |
| **Initial Accuracy** | ±5 mV (0.12%) |
| **Temperature Coefficient** | 10 ppm/°C |
| **Input Voltage Range** | 6.1 V to 18 V |
| **Output Noise (0.1 Hz to 10 Hz)** | 3.5 μV p-p |
| **Operating Temperature** | -55°C to +125°C |
| **Package Type** | 8-Lead SOIC_N |
---
### 2. Core Functional Components
This device utilizes XFET® (eXtra implanted junction Field Effect Transistor) technology, which offers several advantages over traditional buried Zener or Bandgap references:
* **XFET Architecture:** Provides lower noise and better long-term stability than traditional bandgap references.
* **Trimmed Output:** The device is laser-trimmed at the wafer level to ensure high initial accuracy and low thermal drift.
* **Enhanced Product (EP) Features:**
* Controlled manufacturing baseline.
* One assembly/test site.
* Extended temperature range performance.
* Enhanced reliability monitoring.
---
### 3. Pin Configuration
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | TP | Test Point (Do not connect) |
| 2 | VIN | Input Voltage Supply |
| 4 | GND | Ground |
| 6 | VOUT | Reference Voltage Output |
| 8 | TRIM | Optional output voltage adjustment |
---
### 4. Implementation Example
To ensure the best performance, it is recommended to use bypass capacitors at the input and output.
```c
// Design Constraints for ADR434
Input_Voltage (Vin) >= 6.1V; // Minimum headroom required
Output_Capacitance = 0.1uF to 10uF; // For stability and noise reduction
Input_Capacitance = 0.1uF; // Close to VIN pin
```
---
### 5. Common Applications
* **Precision Data Acquisition:** Providing the reference for high-resolution ADCs (16-bit to 24-bit).
* **Aerospace & Defense:** Used in avionics and telemetry due to the "EP" qualification.
* **Medical Instrumentation:** High-stability diagnostic equipment.
* **Optical Networks:** Precision control of laser diode drivers.
---
- ⤷What are the specific advantages of XFET technology over Bandgap references?
- ⤷ How does the 'TRZ' and 'R7' suffix impact the ordering and packaging specs?
- ⤷ What is the recommended layout procedure to minimize thermal drift?