ADR4540BRZ-R7
AI

The **ADR4540BRZ-R7** is a high-precision, low-power, low-noise voltage reference integrated circuit (IC) manufactured by **Analog Devices**. It is part of the ADR45xx family, specifically designed for high-resolution data acquisition systems.
---
### ## 1. Key Technical Specifications
The table below summarizes the core electrical characteristics of the ADR4540BRZ-R7:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 4.096 V |
| **Initial Accuracy** | ±0.02% (Maximum) |
| **Temperature Coefficient** | 2 ppm/°C (Maximum) |
| **Input Voltage Range** | 4.196 V to 15 V |
| **Output Current** | 10 mA (Source) / 10 mA (Sink) |
| **Quiescent Current** | 950 µA (Maximum) |
| **Noise (0.1 Hz to 10 Hz)** | 2.8 µV p-p |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 8-SOIC (Small Outline IC) |
---
### ## 2. Functional Description
The ADR4540 belongs to a class of **Series Voltage References**. Unlike shunt references (which act like Zener diodes), series references operate like Low Dropout Regulators (LDOs), consuming current proportional to the load.
#### **Core Features:**
* **High Precision:** The 4.096V output is specifically chosen to align with 12-bit, 14-bit, and 16-bit ADCs (Analog-to-Digital Converters), where the LSB (Least Significant Bit) calculation becomes a clean power of 2.
* **Low Drift:** The 2 ppm/°C rating ensures that the output voltage remains stable even as the ambient temperature of the circuit changes.
* **Low Noise:** This is critical for high-resolution measurements to prevent the reference voltage from introducing "jitter" into the conversion results.
---
### ## 3. Pin Configuration (8-SOIC)
The device follows a standard pinout for the ADR45xx family:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | NC | No Connect (Internally not connected) |
| 2 | VIN | Input Voltage Supply |
| 3 | NC | No Connect |
| 4 | GND | Ground |
| 5 | TRIM | Optional output voltage adjustment |
| 6 | VOUT | Reference Voltage Output |
| 7 | NC | No Connect |
| 8 | NC | No Connect |
---
### ## 4. Application Areas
1. **Precision Data Acquisition:** Providing the reference for high-resolution ADCs and DACs.
2. **Medical Instrumentation:** Used in ECG or imaging equipment requiring high stability.
3. **Industrial Automation:** Process control systems and high-accuracy PLC modules.
4. **Optical Networks:** Precision laser diode control.
---
### ## 5. Part Number Breakdown: ADR4540BRZ-R7
* **ADR4540:** Model series (4.096V Output).
* **B:** Grade (Indicates the highest precision/lowest drift tier).
* **R:** Package type (SOIC).
* **Z:** RoHS compliant (Lead-free).
* **R7:** Packaging format (7-inch Reel, typically 1,000 units).
- ⤷
How does the 'B' grade differ from the 'A' grade in the ADR45xx series?
- ⤷ What is the recommended bypass capacitor value for the VOUT pin?
- ⤷ Can this IC be used in battery-powered applications with a 5V supply?