ADR4550BRZ-R7
AI

## Overview of ADR4550BRZ-R7
The **ADR4550BRZ-R7** is a high-precision, low-noise voltage reference integrated circuit (IC) manufactured by **Analog Devices**. It belongs to the ADR45xx family, which is known for its excellent temperature stability and low power consumption.
---
### Core Specifications
The following table summarizes the key electrical characteristics of the ADR4550BRZ-R7:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 5.0 V |
| **Initial Accuracy** | ±0.02% (Max) |
| **Temperature Coefficient** | 2 ppm/°C (Max) |
| **Input Voltage Range** | 5.1 V to 15 V |
| **Output Current Drive** | +10 mA / -10 mA |
| **Quiescent Current** | 950 µA (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | 8-Lead SOIC_N |
---
### Key Features
1. **Ultra-Low Noise:** It provides very low output noise (typically $2.8 \mu V$ p-p at 0.1 Hz to 10 Hz), making it ideal for high-resolution data converters (16-bit to 24-bit ADCs).
2. **High Stability:** The low temperature drift (2 ppm/°C) ensures that the reference voltage remains consistent even as the environment heats up or cools down.
3. **Low Hysteresis:** It features excellent thermal hysteresis, meaning the voltage returns to its original value accurately after a temperature cycle.
4. **No External Capacitor Required:** While many references require a large output capacitor for stability, the ADR45xx series is stable with or without an output capacitor.
---
### Pin Configuration (8-Lead SOIC)
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | NC | No Connect |
| 2 | VIN | Input Voltage Supply |
| 3 | NC | No Connect |
| 4 | GND | Ground |
| 5 | NC | No Connect |
| 6 | VOUT | Reference Voltage Output (5.0V) |
| 7 | NC | No Connect |
| 8 | NC | No Connect |
---
### Common Applications
* **Precision Data Acquisition:** Providing the reference for high-resolution Analog-to-Digital Converters (ADCs) and Digital-to-Analog Converters (DACs).
* **Medical Instrumentation:** Used in ECG/EKG machines or imaging equipment where signal integrity is critical.
* **Industrial Process Control:** Ensuring accuracy in PLC (Programmable Logic Controller) analog I/O modules.
* **Optical Networking:** Maintaining stable bias voltages in laser systems.
---
### Part Number Breakdown: ADR4550BRZ-R7
* **ADR4550:** Device Series (5.0V Output variant).
* **B:** Grade (Indicates high accuracy/low drift).
* **R:** Package identifier (SOIC).
* **Z:** RoHS compliant (Lead-free).
* **R7:** Packaging format (7-inch Reel, typically 1,000 units).
- ⤷
What are the differences between the 'A' grade and 'B' grade versions of this IC?
- ⤷ Does this device require a specific decoupling capacitor for the VIN pin?
- ⤷ How does the output voltage change under a full 10mA load?