ADR5040AKSZ-R2
AI

## Technical Overview: ADR5040AKSZ-R2
The **ADR5040AKSZ-R2** is a high-precision, shunt-mode voltage reference manufactured by **Analog Devices**. It is designed for space-constrained applications requiring high stability and low power consumption.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 2.048 V |
| **Initial Accuracy** | ±0.1% (Grade A) |
| **Temperature Coefficient** | 100 ppm/°C |
| **Operating Current Range** | 50 µA to 15 mA |
| **Package Type** | SC70-3 (Small Outline Transistor) |
| **Operating Temperature** | -40°C to +125°C |
| **Output Noise (0.1Hz to 10Hz)** | 120 µV p-p |
---
### 2. Functional Description
The ADR5040 is a **Shunt Voltage Reference**. Unlike a series reference, it operates similarly to a Zener diode, maintaining a constant voltage across its terminals by adjusting the current it draws.
#### Internal Block Diagram Components:
* **Bandgap Reference Core:** Provides the stable 2.048V output based on the physical properties of silicon.
* **Error Amplifier:** Monitors the output and adjusts the internal shunt transistor to maintain regulation.
* **Feedback Network:** Precision resistors that define the specific 2.048V output.
---
### 3. Application Circuitry
To use the ADR5040, an external current-limiting resistor ($R_{bias}$) is required to ensure the device operates within its 50 µA to 15 mA range.
```c
// Calculation for Bias Resistor (R_bias)
// R_bias = (V_supply - V_out) / (I_load + I_shunt)
// Example:
// V_supply = 5V
// V_out = 2.048V
// Desired I_shunt = 1mA
// R_bias = (5 - 2.048) / 0.001 = 2952 Ohms (~3kOhm)
```
---
### 4. Comparison of Variants (ADR5040 Series)
| Part Number | Initial Accuracy | Temp. Coefficient |
| :--- | :--- | :--- |
| ADR5040**A**KSZ | ±0.1% (2 mV) | 100 ppm/°C |
| ADR5040**B**KSZ | ±0.2% (4 mV) | 75 ppm/°C |
*Note: The **R2** suffix in the part number indicates the packaging format (7-inch reel with 250 units).*
---
### 5. Common Use Cases
* **ADC/DAC Referencing:** The 2.048V output is ideal for 12-bit converters because it equates to exactly 0.5mV per bit.
* **Precision Current Sources:** Used as a stable voltage drop across a sense resistor.
* **Portable Instrumentation:** Due to the ultra-small SC70 footprint and low minimum operating current (50 µA).
- ⤷
How does a shunt voltage reference differ from a series voltage reference in terms of power efficiency?
- ⤷ What is the significance of the 2.048V output level for digital-to-analog converters?
- ⤷ What are the recommended layout practices for the SC70-3 package to minimize thermal drift?