ADR5040BRTZ-R2
AI

The **ADR5040BRTZ-R2** is a high-precision shunt voltage reference manufactured by Analog Devices. It is designed for space-constrained applications requiring high stability and low power consumption.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 2.048 V |
| **Initial Accuracy** | ±0.1% (Grade B) |
| **Temperature Coefficient** | 75 ppm/°C |
| **Operating Current Range** | 50 µA to 15 mA |
| **Output Noise** | 120 µV p-p (0.1 Hz to 10 Hz) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | SOT-23-3 |
---
### 2. Electronic Characteristics
The ADR5040 operates as a **Shunt Reference** (similar to a Zener diode). It maintains a constant voltage across its terminals as long as the current stays within the 50 µA to 15 mA range.
* **Low Quiescent Current:** It can operate with as little as 50 µA, making it ideal for battery-powered handheld devices.
* **No Output Capacitor Required:** Unlike many other references, the ADR5040 is stable without an external output capacitor, though one can be added to reduce noise.
* **Precision Output:** The 2.048 V output is specifically chosen because it aligns perfectly with ADC (Analog-to-Digital Converter) scales where 1 LSB (Least Significant Bit) equals exactly 1 mV or 0.5 mV.
---
### 3. Application Circuitry
To use this part, you must place a current-limiting resistor ($R_{set}$) between the input supply and the device.
```text
Input (Vin) ----[ R_set ]----+---- Output (2.048V)
|
[ ADR5040 ]
|
GND
```
**Formula for Resistor Selection:**
$R_{set} = \frac{V_{in} - V_{out}}{I_{load} + I_{ref}}$
*Where $I_{ref}$ should be at least 50 µA.*
---
### 4. Typical Applications
* **Portable Instrumentation:** Multimeters and handheld sensors.
* **Data Acquisition Systems:** Providing a stable reference for ADCs and DACs.
* **Industrial Process Control:** Precise monitoring of 4-20mA loops.
* **Medical Equipment:** Low-power diagnostic tools.
- ⤷
What is the difference between a shunt reference and a series reference?
- ⤷ How do I calculate the maximum value for the R_set resistor?
- ⤷ Does the ADR5040 require a bypass capacitor for high-frequency stability?