ADR5041BRTZ-R2
AI

The **ADR5041BRTZ-R2** is a high-precision shunt mode voltage reference manufactured by Analog Devices. It is designed for space-constrained applications requiring high stability and low power consumption.
---
### 1. Key Technical Specifications
The following table highlights the core electrical characteristics of the ADR5041BRTZ-R2:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 2.500 V |
| **Initial Accuracy** | ±0.1% (±2.5 mV) |
| **Temperature Coefficient** | 75 ppm/°C |
| **Operating Current Range** | 50 µA to 15 mA |
| **Package Type** | SOT-23-3 |
| **Operating Temperature** | -40°C to +125°C |
| **Output Noise** | 120 µV p-p (0.1 Hz to 10 Hz) |
---
### 2. Functional Description
The device acts as a **Shunt Voltage Reference** (similar to a high-precision Zener diode). It maintains a constant voltage across its terminals by varying the amount of current it shunts to ground.
#### Core Features:
* **No Output Capacitor Required:** Unlike many other references, the ADR504x family is stable without an external output capacitor, saving PCB space.
* **Low Power:** With a minimum operating current of only 50 µA, it is ideal for battery-powered handheld devices.
* **Fixed Output:** It provides a rock-steady 2.5V reference point for Analog-to-Digital Converters (ADCs).
---
### 3. Typical Application Circuit
To use the ADR5041, you must provide a current-limiting resistor ($R_{S}$) to ensure the device stays within its operating current range ($I_{Q}$).
```c
V_supply (e.g., 5V)
|
[ R_s ] <-- Current Limiting Resistor
|
+----------o Output (2.5V Reference)
| |
[ ADR5041 ] [ Load ]
| |
GND GND
```
**Calculation Formula:**
$R_s = \frac{V_{supply} - V_{out}}{I_{load} + I_{q}}$
---
### 4. Part Number Breakdown
Understanding the suffix codes:
* **ADR5041**: Base Model (2.5V Output).
* **B**: Grade (Refers to the ±0.1% initial accuracy).
* **RTZ**: Package Code (SOT-23).
* **R2**: Tape and Reel size (typically 250 units per reel).
- ⤷
How does a shunt reference differ from a series reference in terms of power consumption?
- ⤷ What are the recommended resistor values for a 5V input supply?
- ⤷ Can this part be used as a voltage regulator for high-current loads?