ADR5043BKSZ-R2
AI

## Overview of ADR5043BKSZ-R2
The **ADR5043BKSZ-R2** is a high-precision, shunt-mode voltage reference manufactured by **Analog Devices**. It is designed for space-constrained applications requiring high stability and low power consumption.
---
### 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 3.0 V |
| **Initial Accuracy** | ±0.1% (Grade B) |
| **Temperature Coefficient** | 75 ppm/°C |
| **Operating Current Range** | 50 µA to 15 mA |
| **Package Type** | SC-70-3 (SOT-323) |
| **Operating Temperature** | -40°C to +125°C |
| **Output Noise** | 160 µV p-p (0.1 Hz to 10 Hz) |
---
### 2. Functional Characteristics
* **Shunt Architecture:** Operates similarly to a Zener diode but with much higher precision. It maintains a constant voltage across its terminals by adjusting the current flowing through it.
* **No Output Capacitor Required:** Unlike many voltage references, the ADR5043 is stable without an external output capacitor, saving PCB space. However, it remains stable even if capacitive loads up to 1 µF are used.
* **Low Power Consumption:** With a minimum operating current of only 50 µA, it is ideal for battery-powered handheld devices.
---
### 3. Pin Configuration (SC-70)
| Pin No. | Name | Function |
| :--- | :--- | :--- |
| 1 | **+** | Positive Terminal (Connect to load and resistor) |
| 2 | **-** | Negative Terminal (Ground) |
| 3 | **NC** | No Connect (Should be left floating or grounded) |
---
### 4. Typical Application Circuit
To use the ADR5043, an external resistor ($R_{bias}$) must be placed between the input voltage supply and the reference.
```text
V_in ---- [ R_bias ] ----+---- V_out (3.0V)
|
[ ADR5043BKSZ ]
|
Ground
```
**Calculation for $R_{bias}$:**
$R_{bias} = \frac{V_{in(min)} - V_{out}}{I_{load(max)} + I_{shunt(min)}}$
---
### 5. Common Applications
* Portable/Battery-Powered Equipment.
* Data Acquisition Systems (ADCs and DACs).
* Precision Instrumentation.
* Process Control Loops.
- ⤷
What is the difference between Grade A and Grade B versions of this component?
- ⤷ How does a shunt voltage reference differ from a series voltage reference?
- ⤷ What are the recommended layout practices for reducing noise in the ADR5043?