ADR5044AKSZ-R2
AI

## Overview of ADR5044AKSZ-R2
The **ADR5044AKSZ-R2** is a precision shunt mode voltage reference manufactured by **Analog Devices**. It is designed for space-constrained applications requiring high accuracy and low power consumption.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 4.096 V |
| **Initial Accuracy** | ±0.1% (Grade A) |
| **Temperature Coefficient** | 100 ppm/°C |
| **Operating Current Range** | 50 µA to 15 mA |
| **Package Type** | SC70 (3-lead) |
| **Operating Temperature** | -40°C to +125°C |
| **Output Noise (0.1 to 10 Hz)** | 240 µV p-p |
---
### 2. Core Functional Features
* **Shunt Architecture:** Unlike series references, this device operates like a Zener diode. It maintains a constant voltage across its terminals by varying the current it draws.
* **No Output Capacitor Required:** The ADR5044 is stable without an external output capacitor, which saves board space and reduces BOM (Bill of Materials) costs.
* **Low Minimum Operating Current:** With a minimum requirement of only **50 µA**, it is ideal for battery-powered handheld devices.
* **Precision Fixed Output:** The 4.096 V output is specifically chosen because it simplifies calculations in Digital-to-Analog (DAC) and Analog-to-Digital (ADC) converters (where $1 LSB$ becomes a round binary number).
---
### 3. Pin Configuration (SC70-3)
| Pin No. | Name | Function |
| :--- | :--- | :--- |
| 1 | **V+** | Positive terminal (Output/Supply) |
| 2 | **V-** | Negative terminal (Ground) |
| 3 | **NC** | No Connect (Leave floating) |
---
### 4. Typical Application Circuit
To use the ADR5044, an external resistor ($R_{set}$) is required to limit the current flowing into the device.
```text
Input Voltage (Vin)
|
[R_set]
|
+---------- Output (4.096V)
| |
[ADR5044] [Load]
| |
GND GND
```
**Calculation for $R_{set}$:**
$$R_{set} = \frac{V_{in} - V_{out}}{I_{load} + I_{q}}$$
*(Where $I_{q}$ is the operating current for the reference, typically 50µA to 15mA).*
---
### 5. Common Applications
* Portable Instrumentation
* Precision Data Acquisition Systems
* Battery-powered Equipment
* Industrial Process Controls
- ⤷
What is the difference between a shunt and a series voltage reference?
- ⤷ How do I calculate the power dissipation for the ADR5044 in a circuit?
- ⤷ What are the alternatives to the SC70 package for this part?