ADR5045BKSZ-R2
AI

## Technical Overview: ADR5045BKSZ-R2
The **ADR5045BKSZ-R2** is a high-precision, shunt-mode voltage reference manufactured by **Analog Devices**. It is designed for space-constrained applications that require high stability and low power consumption.
### 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 5.0 V |
| **Initial Accuracy** | ±0.1% (5 mV) |
| **Temperature Coefficient** | 75 ppm/°C |
| **Operating Current Range** | 60 µA to 15 mA |
| **Package Type** | SC70-3 (Small Outline Transistor) |
| **Operating Temperature** | -40°C to +125°C |
| **Output Noise** | 240 µV p-p (0.1 Hz to 10 Hz) |
---
### 2. Functional Characteristics
The ADR5045 belongs to the **ADR504x family** of precision shunt references. Unlike series references, shunt references operate similarly to a Zener diode, maintaining a constant voltage by "shunting" excess current to ground.
* **No Output Capacitor Required:** This device is stable without an external output capacitor, which saves PCB space and reduces costs.
* **Low Power Consumption:** With a minimum operating current of only 60 µA, it is ideal for battery-powered handheld devices.
* **Small Footprint:** The SC70 package is approximately 50% smaller than the standard SOT-23 package.
---
### 3. Pin Configuration (SC70-3)
| Pin No. | Name | Description |
| :--- | :--- | :--- |
| 1 | **$V_{out}$** | Output Voltage / Cathode Connection |
| 2 | **NC** | No Connect (Should be left floating or grounded) |
| 3 | **GND** | Ground / Anode Connection |
---
### 4. Typical Application Circuit
To use the ADR5045, you must place a current-limiting resistor ($R_{set}$) between the input voltage source and the $V_{out}$ pin.
```text
Input (Vin) ----[ Rset ]----+---- Output (5.0V)
|
[ADR5045]
|
Ground
```
**Formula for $R_{set}$:**
$$R_{set} = \frac{V_{in} - V_{out}}{I_{load} + I_{q}}$$
*(Where $I_{q}$ is the operating current of the ADR5045, typically > 60 µA).*
---
### 5. Common Use Cases
1. **Precision Data Acquisition:** Providing a stable reference for 12-bit or 16-bit ADCs.
2. **Portable Instrumentation:** Due to the ultra-low 60 µA minimum current requirement.
3. **Industrial Process Control:** Reliable operation in harsh temperature environments (-40°C to +125°C).
4. **Power Supply Monitoring:** Used as a reference for voltage supervisors.
- ⤷
How do I calculate the maximum value for the external resistor Rset?
- ⤷ What are the main differences between the ADR5045 and a standard Zener diode?
- ⤷ Does this part have an alternative in a SOT-23 package?