ADR530BRT-R2
AI

## Technical Overview: ADR530BRT-R2
The **ADR530BRT-R2** is a high-precision, low-power shunt mode voltage reference produced by Analog Devices. It is designed specifically for applications requiring high stability in a very small form factor.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the ADR530BRT-R2:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 3.0 V |
| **Initial Accuracy** | ±6.0 mV (±0.2%) |
| **Temperature Coefficient** | 70 ppm/°C |
| **Operating Current Range** | 50 µA to 15 mA |
| **Operating Temperature** | -40°C to +85°C |
| **Package Type** | SOT-23-3 (RT-3) |
---
### 2. Core Functional Components
The internal architecture of the ADR530 consists of several critical electronic stages:
1. **Bandgap Reference Core:** The heart of the chip that generates a stable voltage by canceling the negative temperature coefficient of a PN junction with a positive temperature coefficient from a PTAT (Proportional To Absolute Temperature) circuit.
2. **Error Amplifier:** Monitors the output and adjusts the internal shunt transistor to maintain exactly 3.0V relative to the ground.
3. **Shunt Transistor:** Functions like a Zener diode, "shunting" excess current to maintain a constant voltage drop across the device.
---
### 3. Application Circuit Example
A shunt reference requires an external resistor ($R_s$) to limit the current. The following represents a typical implementation:
```text
Input Voltage (Vin)
|
[ Rs ] <-- Current Limiting Resistor
|
+---------- Out (3.0V)
| |
[ ADR530 ] [ Load ]
| |
GND GND
```
---
### 4. Distinctive Features
* **No Output Capacitor Required:** Unlike many voltage references, the ADR530 is stable without an external output capacitor, saving PCB space.
* **Low Quiescent Current:** It can operate with as little as 50 µA, making it ideal for battery-powered handheld devices.
* **Compact Integration:** The SOT-23 package is standard for surface-mount technology (SMT) and high-density boards.
---
### 5. Common Use Cases
* **Precision Data Converters:** Providing the reference voltage for 8-bit to 12-bit ADCs and DACs.
* **Portable Instrumentation:** Battery monitoring and handheld medical devices.
* **Industrial Process Control:** Precise signal conditioning for sensors.
- ⤷
How do I calculate the value for the external series resistor (Rs)?
- ⤷ What is the difference between a shunt reference and a series reference?
- ⤷ Is there a version of this chip with a lower temperature coefficient?