ADR821BRMZ-R2
AI

## Overview of ADR821BRMZ-R2
The **ADR821BRMZ-R2** is a high-precision, low-power voltage reference and temperature sensor integrated into a single chip. Manufactured by **Analog Devices**, it belongs to a family of devices designed to provide stable voltage outputs for precision analog-to-digital (ADC) and digital-to-analog (DAC) conversion systems.
---
### Technical Specifications
The table below outlines the core electronic parameters of the ADR821BRMZ-R2:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 2.5 V |
| **Input Voltage Range** | 3.0 V to 15 V |
| **Initial Accuracy** | ±0.1% (High Precision) |
| **Temperature Coefficient** | 50 ppm/°C |
| **Quiescent Current** | 400 µA (max) |
| **Output Current Drive** | 5 mA |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | MSOP-8 (Micro Small Outline Package) |
---
### Key Electronic Features
1. **Dual Functionality**: Unlike standard references, this part provides both a stable **2.5V reference** and a **Temperature Output pin**. The voltage at the TEMP pin is proportional to the absolute temperature, allowing the system to monitor thermal conditions without an external thermistor.
2. **Low Dropout**: It can maintain a stable output with an input voltage as low as 500mV above the output voltage (dropout voltage), which is ideal for battery-powered devices.
3. **High Stability**: The device is engineered to minimize "hysteresis" (output shifts after temperature cycling) and long-term drift, ensuring the system remains calibrated over time.
4. **Wide Input Range**: While it outputs 2.5V, it can handle input spikes or higher rail voltages up to 15V, providing flexibility in power supply design.
---
### Pin Configuration (MSOP-8)
| Pin No. | Name | Function |
| :--- | :--- | :--- |
| 1 | NC | No Connect |
| 2 | VIN | Input Voltage |
| 3 | TEMP | Temperature Sensor Output |
| 4 | GND | Ground |
| 5 | TRIM | Fine Adjustment of $V_{out}$ (Optional) |
| 6 | VOUT | 2.5V Reference Output |
| 7 | COMP | Compensation (Optional external capacitor) |
| 8 | NC | No Connect |
---
### Common Applications
* **Precision Data Acquisition**: Used as the reference for 12-bit to 16-bit ADCs.
* **Battery Monitoring**: Low power consumption makes it suitable for portable medical or industrial handhelds.
* **Industrial Controls**: Used in PLC (Programmable Logic Controller) analog I/O modules.
* **Optical Networks**: Precise laser diode biasing and monitoring.
- ⤷What is the relationship between the TEMP pin voltage and the actual temperature?
- ⤷ How does the TRIM pin help in calibrating the output voltage?
- ⤷ What are the recommended decoupling capacitors for the VIN and VOUT pins?