ADREF01
AI

### Overview of the ADREF01
The **ADREF01** is a high-precision, low-drift voltage reference integrated circuit. It is designed to provide a stable 10.0V output from a higher input voltage, making it a critical component in data acquisition systems, high-resolution converters, and precision measurement equipment.
---
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 10.0 V |
| **Input Voltage Range ($V_{in}$)** | 12.0 V to 33.0 V |
| **Temperature Coefficient** | 8.5 ppm/°C (Max) |
| **Output Current** | 10 mA |
| **Quiescent Current** | 1.0 mA (Max) |
| **Package Options** | SOIC, PDIP |
---
### Internal Electronic Architecture
The ADREF01 utilizes several internal stages to ensure stability and precision:
1. **Bandgap Reference Core:** The heart of the chip, which generates a temperature-compensated voltage.
2. **Output Amplifier:** A high-gain operational amplifier that buffers the reference voltage to allow for sourcing current without dropping the output voltage.
3. **Trim Network:** Laser-trimmed resistors are used during manufacturing to calibrate the output voltage precisely to 10.0V.
4. **Short-Circuit Protection:** Internal circuitry protects the device from damage if the output is accidentally grounded.
---
### Implementation Circuit
To use the ADREF01, a basic configuration requires minimal external components. Decoupling capacitors are recommended to reduce noise.
```spice
* Basic ADREF01 Connection
* Vin: 15V Supply
* C1: 0.1uF Ceramic (Input Decoupling)
* C2: 1uF to 10uF (Output Stability)
Vin (Pin 2) ----+---- [15V DC]
|
[C1]
|
GND (Pin 4) ----+---- [Ground]
Vout (Pin 6) ----+---- [10.0V Output]
|
[C2]
|
GND (Pin 4) ----+
```
---
### Applications
* **A/D and D/A Converters:** Provides the "yardstick" against which analog signals are measured.
* **Precision Calibration Standards:** Used in laboratory instruments.
* **Smart Sensors:** Ensures sensor data remains accurate across temperature changes.
* **Power Supplies:** Acts as a reference for linear and switching regulators.
- ⤷
What are the main differences between the ADREF01 and the ADREF02?
- ⤷How does temperature drift affect the accuracy of the 10V output?
- ⤷Can you provide a PCB layout tip for reducing noise in voltage references?