Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADRF6780ACPZN-CSL-R7

  • AI
    ## Overview of the ADRF6780ACPZN-CSL-R7 The **ADRF6780** is a highly integrated wideband microwave upconverter designed by Analog Devices. It is specifically engineered to facilitate the transition between baseband/IF signals and high-frequency RF signals in the 5.9 GHz to 23.6 GHz range. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the ADRF6780: | Parameter | Specification | | :--- | :--- | | **RF Output Frequency** | 5.9 GHz to 23.6 GHz | | **LO Input Frequency** | 2.95 GHz to 11.8 GHz (LO Doubler integrated) | | **IF Input Range** | DC to 3.5 GHz (Complex) | | **Conversion Gain** | 10 dB (Typical) | | **Sideband Rejection** | 25 dBc (Typical) | | **Supply Voltage** | 3.3 V | | **Package Type** | 32-lead LFCSP | --- ### 2. Core Functional Blocks The ADRF6780 is more than just a mixer; it contains several integrated stages to reduce the need for external components: * **I/Q Upconverter:** It uses an In-phase/Quadrature architecture, allowing for single-sideband upconversion which minimizes interference. * **LO Frequency Doubler:** The chip can double the Local Oscillator (LO) frequency internally, which allows the use of lower-frequency synthesizers to generate high-frequency RF signals. * **Variable Gain Amplifier (VGA):** It includes integrated gain control to adjust the output power levels. * **Programmable Baseband Interface:** It can operate in either I/Q mode (differential) or IF mode. --- ### 3. Part Number Breakdown The suffix **ACPZN-CSL-R7** provides specific information regarding the manufacturing and packaging: | Suffix Code | Meaning | | :--- | :--- | | **ACPZ** | Lead-free, RoHS compliant LFCSP package. | | **N** | Specifically indicates "Narrow" or a specific revision of the lead frame. | | **CSL** | Custom specific labeling or special flow (often related to shipping/packing). | | **R7** | 7-inch reel containing 500 units (Tape and Reel format). | --- ### 4. Common Applications The ADRF6780 is typically used in high-bandwidth communication infrastructure, including: 1. **Point-to-Point Microwave Radios:** Used for backhaul in telecommunications. 2. **5G Infrastructure:** High-frequency small cell transmitters. 3. **Satellite Communications:** Upconversion stages for ground stations. 4. **Electronic Warfare:** Wideband signal generation for jamming or spoofing. --- ### 5. Implementation Example (SPI Control) The device is programmed via a Serial Port Interface (SPI) to control gain and internal settings. Below is a conceptual representation of a register write: ```c // Example: Setting the Gain Control Register // Address: 0x02, Value: 0x3F (Max Gain) void SetADRF6780Gain() { SPI_Transfer(0x02); // Register Address SPI_Transfer(0x3F); // Data Value } ```
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the ADRF6780?
    • ⤷ How does the LO doubler impact the phase noise of the output signal?
    • ⤷ What external components are required for the IF input matching?