Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADV7341_15

  • AI
    ## Overview of the ADV7341 / ADV7343 The **ADV7341** (and its sibling, the ADV7343) is a high-speed, multi-format video noise-shaped video encoder manufactured by Analog Devices. It is designed to convert digital video data into high-quality analog signals (Composite, S-Video, or Component). --- ### 1. Key Internal Components The ADV7341 integrates several critical electronic sections to manage the digital-to-analog conversion process: | Component | Description | | :--- | :--- | | **DACs (Digital-to-Analog Converters)** | Features six 12-bit high-speed DACs, allowing simultaneous output of SD and HD video. | | **Noise Shaping (NSV)** | Uses proprietary technology to move noise to the non-visible frequency spectrum, improving SNR. | | **PLL (Phase Locked Loop)** | An internal clock generator that ensures precise synchronization of the video signal. | | **I2C Control Interface** | A 2-wire serial interface used for device configuration and register management. | | **Interpolation Filters** | Digital filters that upscale the signal to reduce aliasing artifacts before analog conversion. | --- ### 2. Supported Video Formats The chip is highly versatile, supporting a wide range of broadcast standards: * **Standard Definition (SD):** NTSC (M/J) and PAL (B/D/G/H/I/M/N). * **High Definition (HD):** 720p, 1080i, and 1080p (at various frame rates). * **Progressive Scan:** Support for 480p and 576p. --- ### 3. Pin Functionality & Electrical Characteristics The ADV7341 is typically housed in a **64-lead LQFP** package. Below are the primary electronic pin groupings: #### Digital Input Bus * **P0–P23:** The 24-bit pixel input port. It can be configured in various modes (SDR/DDR) to accept YCrCb or RGB data. * **SCLK / HSYNC / VSYNC:** Timing signals used to synchronize the digital data stream. #### Analog Output * **DAC 1–6:** These pins output the analog current signals. Depending on the register settings, these are mapped to: * **CVBS** (Composite) * **Y/C** (S-Video) * **YPrPb / RGB** (Component) #### Power Supply * **V_DD (1.8V):** Core digital power. * **V_DD_IO (1.8V to 3.3V):** Digital input/output buffer power. * **PV_DD (1.8V):** PLL power supply. * **AV_DD (3.3V):** Analog DAC power supply. --- ### 4. Implementation Example (Pseudo-Code) Configuring the ADV7341 requires writing to internal registers via I2C. Below is a simplified representation of an initialization sequence: ```c // Example: Initialize ADV7341 for NTSC Composite Output void init_adv7341() { i2c_write(0x17, 0x02); // Software Reset i2c_write(0x00, 0x1C); // Power up DACs 1, 2, and 3 i2c_write(0x01, 0x00); // Set mode to SD only i2c_write(0x80, 0x10); // Set SD Input Mode (e.g., YCrCb 4:2:2) i2c_write(0x82, 0xCB); // Enable SD DACs and NTSC Standard } ``` --- ### 5. Application Areas * DVD Players and Recorders. * Set-Top Boxes (STB). * High-end Medical Imaging. * Professional Video Editing Hardware. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADV7341 and the ADV7393?
    • ⤷ How does Noise Shaped Video (NSV) technology improve video quality?
    • ⤷ What is the typical power consumption of the ADV7341 in HD mode?