AH-24WP-R
AI

The **AH-24WP-R** is an outdoor-rated, weather-proof audible notification appliance, commonly manufactured by Potter Electric Signal Company. It is primarily used in fire alarm and emergency signaling systems.
---
### Technical Specifications & Electronic Components
The device is engineered to operate in harsh environmental conditions while maintaining consistent sound output.
| Component | Specification |
| :--- | :--- |
| **Input Voltage** | 24V DC or FWR (Full Wave Rectified) |
| **Operating Range** | 16V to 33V DC |
| **Current Draw** | Ranges from 24mA to 74mA (depending on tone/volume) |
| **Sound Output** | Up to 90-95 dBA at 10 feet |
| **Ingress Protection** | NEMA 4X / IP56 Rated (Weatherproof) |
| **Mounting** | Surface mount with BBX-4 backbox |
---
### Key Electronic Features
#### 1. Internal Tone Generator
The unit contains an integrated circuit (IC) that generates various selectable tones. Unlike old mechanical bells, this is a **solid-state electronic device**.
* **Temporal 3 Tone:** The standard interrupted pattern for fire evacuation.
* **Continuous Tone:** A steady horn output.
* **March Time:** A repetitive rhythmic pulse.
#### 2. Polarized Circuitry
The device features an internal diode for **electrical supervision**.
* In a standby state, the Fire Alarm Control Panel (FACP) reverses polarity to check for wire integrity.
* The diode ensures that the horn only activates when the polarity is switched to the active state.
#### 3. Terminal Block & Wiring
The AH-24WP-R utilizes a plug-in terminal block design. This allows for:
* **In-Out Wiring:** Two terminals for positive and two for negative, ensuring the circuit is supervised (if a device is removed, the panel detects an open circuit).
* **Gauge Support:** Typically supports 12 to 18 AWG wire.
#### 4. Weatherproofing (The "WP" Suffix)
Electronic components are protected by:
* **Conformal Coating:** A thin chemical layer applied to the internal PCB to protect against moisture, dust, and corrosion.
* **Gasketed Housing:** A silicone or rubber gasket seals the electronics within the red plastic (R) housing.
---
### Comparison of Operational Modes
| Tone Selection | Frequency | Application |
| :--- | :--- | :--- |
| **Temporal** | 2400Hz (approx) | Standard Fire Evacuation |
| **Steady** | Constant | General Alert / Mass Notification |
| **Whoop** | Ascending | High-noise environments |
- ⤷How do you wire the AH-24WP-R to a Fire Alarm Control Panel?
- ⤷ What is the difference between the AH-24WP-R and the standard AH-24-R?
- ⤷ What are the specific dip switch settings for tone selection?