AHC30-R27M-RC
AI

The **AHC30-R27M-RC** is a high-current, surface-mount (SMD) power inductor. It is designed for high-frequency DC-DC conversion and power management applications where space is limited and efficiency is critical.
---
### 1. Technical Specifications
The part number follows a standard coding convention used by manufacturers like **Allied Components International**. Here are the primary technical parameters:
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.27 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by the 'M') |
| **DCR (Direct Current Resistance)** | Extremely low (typically < 1.0 mΩ) |
| **Saturation Current ($I_{sat}$)** | Very high (often 30A - 60A depending on specific series) |
| **Heating Current ($I_{rms}$)** | High thermal capacity for continuous operation |
| **Package / Case** | Molded Shielded Construction |
| **Termination** | RoHS Compliant (indicated by 'RC') |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps identify the component's physical and electrical characteristics:
* **AHC**: Series designation (Allied High Current). Usually refers to a molded metal powder core.
* **30**: Likely refers to the physical size/footprint (e.g., 13mm x 13mm or a specific height profile).
* **R27**: The inductance value. "R" acts as a decimal point. $R27 = 0.27$ µH.
* **M**: Tolerance code. $M = \pm20\%$.
* **RC**: RoHS Compliant.
---
### 3. Core Features and Construction
The AHC series typically utilizes **Molded Powder Technology**, which offers several advantages over traditional wire-wound ferrite inductors:
* **Magnetic Shielding:** The molded construction naturally shields the inductor, reducing Electromagnetic Interference (EMI) with surrounding components.
* **Soft Saturation:** Unlike ferrite cores that lose inductance sharply at a specific current, metal powder cores have a "soft" saturation curve, meaning they remain functional even during current spikes.
* **Low DCR:** Large cross-sectional copper wire is used inside to minimize power loss and heat generation.
---
### 4. Common Applications
Due to its low inductance and high current handling, the AHC30-R27M-RC is typically found in:
* **Voltage Regulator Modules (VRMs):** Used in CPU and GPU power delivery on motherboards.
* **DC-DC Converters:** High-frequency buck converters.
* **Pol (Point of Load) Power Supplies:** In telecommunications and server hardware.
* **Battery Powered Systems:** Where high efficiency is required to extend battery life.
---
- ⤷
What are the physical dimensions of the AHC30 series package?
- ⤷ How does 'soft saturation' in metal powder cores compare to 'hard saturation' in ferrite cores?
- ⤷ What are the recommended soldering profiles for this SMD inductor?