AHC30-R39M-RC
AI

The **AHC30-R39M-RC** is a high-current, surface-mount (SMD) power inductor typically used in DC-DC converters and voltage regulator modules. It is part of a class of "molded" inductors known for their durability and EMI shielding.
---
### 1. Part Number Breakdown
Based on industry-standard nomenclature for this series, here is what the alphanumeric code represents:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **AHC** | Series Code | High-current power inductor series. |
| **30** | Physical Size | Typically refers to height or a specific footprint (e.g., 3.0mm height). |
| **R39** | Inductance Value | **0.39 µH** (R acts as the decimal point). |
| **M** | Tolerance | **±20%** (Standard for power inductors). |
| **RC** | Compliance | **RoHS Compliant**. |
---
### 2. Key Specifications
While exact values can vary slightly by manufacturer (such as Allied Components or similar), the general specifications for an **R39M** in this frame size are:
* **Inductance:** 0.39 µH
* **DC Resistance (DCR):** Very low (typically < 2.0 mΩ), which minimizes power loss.
* **Saturation Current ($I_{sat}$):** High (often between 20A to 35A), meaning the part maintains inductance even under high loads.
* **Temperature Range:** -40°C to +125°C (includes self-heating).
* **Core Material:** Carbonyl Iron or Metal Alloy powder (molded construction).
---
### 3. Core Features & Benefits
* **Shielded Construction:** The molded design naturally shields the magnetic field, reducing Electromagnetic Interference (EMI) with surrounding components.
* **High Efficiency:** The use of flat wire or specialized alloy powder allows for extremely low DCR, reducing heat generation.
* **Soft Saturation:** Unlike ferrite cores that "drop off" abruptly, these inductors lose inductance gradually as current increases, making them safer for power spikes.
---
### 4. Common Applications
These inductors are found in high-performance power circuits:
1. **Motherboards & Servers:** CPU/GPU voltage regulator modules (VRM).
2. **Point of Load (POL) Converters:** Step-down (Buck) converters for high-speed FPGAs.
3. **Battery Powered Devices:** High-efficiency power management for portable electronics.
---
- ⤷
What are the equivalent alternatives for the AHC30 series from brands like Vishay or Coilcraft?
- ⤷ How does the 'soft saturation' of a molded inductor compare to a ferrite core?
- ⤷ What is the specific footprint (dimensions) of the AHC30 package?