AHP201208FA-R33M
AI

The **AHP201208FA-R33M** is a power inductor primarily used in mobile devices and compact electronics. It belongs to the category of **Molded Power Inductors**, which are designed for high efficiency in small footprints.
---
## 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics of the component:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **AHP** | Series Name | High-current power inductor series |
| **2012** | Dimensions (Metric) | 2.0mm x 1.25mm |
| **08** | Height | 0.8mm maximum thickness |
| **FA** | Internal Code | Material or manufacturing process designation |
| **R33** | Inductance Value | 0.33 µH (Microhenries) |
| **M** | Tolerance | ±20% |
---
## 2. Technical Specifications
These are the typical electrical performance parameters for this specific part:
### Electrical Properties
* **Inductance:** 0.33 µH
* **DC Resistance (DCR):** Typically very low (approx. 20–30 mΩ) to minimize power loss.
* **Saturation Current (Isat):** The current level at which inductance drops by 30%. Usually rated between **3.5A and 4.5A**.
* **Temperature Rise Current (Irms):** The current that causes a 40°C rise in temperature. Usually around **3.0A to 3.8A**.
### Physical Construction
* **Core Material:** Metal Alloy (Iron powder base). This provides better saturation characteristics compared to ferrite.
* **Shielding:** Shielded construction (Molded) to reduce Electromagnetic Interference (EMI).
* **Termination:** Lead-free (RoHS compliant) solder pads.
---
## 3. Key Applications
Because of its low profile (0.8mm) and high current handling, it is commonly found in:
1. **Smartphones & Tablets:** In the Power Management Integrated Circuit (PMIC) section.
2. **DC-DC Converters:** Used in "Buck" (step-down) converters to stabilize output voltage.
3. **Wearables:** Ideal for smartwatches where space is extremely limited.
4. **SSD/Storage:** Power rails for high-speed data drives.
---
## 4. Advantages
* **Low Profile:** The "08" height (0.8mm) makes it one of the thinnest power inductors available.
* **Soft Saturation:** Unlike ferrite inductors, metal alloy inductors lose inductance gradually as current increases, preventing sudden circuit failure.
* **High Efficiency:** Low DCR ensures minimal energy is wasted as heat.
- ⤷
What are the main differences between metal alloy and ferrite core inductors?
- ⤷ How do I calculate the ripple current for this inductor in a buck converter?
- ⤷ What are the recommended equivalent parts from manufacturers like TDK or Murata?