AHP201208RA-R24M
AI

The **AHP201208RA-R24M** is a high-performance, surface-mount (SMD) power inductor. This component is specifically designed for power management circuits where high current handling and compact size are critical.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the physical and electrical characteristics:
| Code | Meaning | Description |
| :--- | :--- | :--- |
| **AHP** | Series Name | High-current power inductor series. |
| **2012** | Package Size | Metric dimensions (2.0mm x 1.25mm). Equivalent to 0805 Imperial. |
| **08** | Height | Indicates a profile height of approximately 0.8mm. |
| **RA** | Internal Code | Designator for material type or production process. |
| **R24** | Inductance | **0.24 µH** (R denotes the decimal point). |
| **M** | Tolerance | **±20%** tolerance on the inductance value. |
---
### 2. Key Technical Specifications
While exact values can vary slightly by manufacturer (commonly produced by companies like Taiyo Yuden or Cyntec), typical specs for this part include:
* **Inductance:** 0.24 µH.
* **DC Resistance (DCR):** Extremely low, usually ranging between 15mΩ to 25mΩ to minimize power loss.
* **Saturation Current (Isat):** The current level where inductance drops by a specific percentage (e.g., 30%). For this size, it is typically around **4.5A to 5.5A**.
* **Temperature Rise Current (Irms):** The current that causes a 40°C rise in temperature, usually around **3.5A to 4.2A**.
---
### 3. Construction and Material
* **Metal Alloy Core:** Unlike traditional ferrite inductors, the AHP series usually utilizes a metal powder/alloy core. This provides "soft saturation" characteristics, meaning the inductance drops gradually rather than abruptly when current increases.
* **Shielded Design:** The molded construction inherently provides magnetic shielding, reducing Electromagnetic Interference (EMI) with surrounding components.
---
### 4. Typical Applications
This inductor is optimized for high-frequency DC-DC converters found in space-constrained electronics:
1. **Smartphones & Tablets:** Used in voltage regulator modules (VRMs) for CPUs and GPUs.
2. **Wearables:** Ideal for smartwatches due to the ultra-low profile (0.8mm).
3. **SSD/Storage:** Power rails for high-speed data drives.
4. **IoT Devices:** Efficient power management for battery-operated sensors.
---
- ⤷
What are the advantages of a metal alloy core over a ferrite core in power inductors?
- ⤷ How does the 'soft saturation' characteristic affect circuit stability?
- ⤷ What are the common alternatives to the 2012 (0805) package size for higher current needs?