AHP201208RA-R68M
AI

The **AHP201208RA-R68M** is a high-performance, surface-mount (SMD) power inductor. This component is part of a series designed for high-density power supply circuits, commonly found in mobile devices, DC-DC converters, and compact consumer electronics.
---
### 1. Part Number Breakdown
The nomenclature provides specific details about the component's physical and electrical characteristics:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **AHP** | Series Name | High Power / Low Profile Inductor |
| **2012** | Package Size (Metric) | 2.0 mm x 1.25 mm (0805 Imperial) |
| **08** | Height | 0.8 mm (Max height) |
| **RA** | Internal Code | Manufacturing/Material series designator |
| **R68** | Inductance Value | 0.68 µH |
| **M** | Tolerance | ±20% |
---
### 2. Key Electrical Specifications
While exact values can vary slightly by manufacturer (e.g., Cyntec or Abracon), typical specifications for an R68M in this series are:
* **Inductance:** 0.68 µH
* **Tolerance:** ±20%
* **DC Resistance (DCR):** Typically very low (approx. 35–45 mΩ) to minimize power loss.
* **Saturation Current ($I_{sat}$):** The current at which inductance drops by ~30% (Approx. 2.5A - 3.5A).
* **Rated Current ($I_{rms}$):** The current that causes a 40°C temperature rise (Approx. 2.0A - 2.8A).
---
### 3. Construction and Materials
This part is usually a **Metal Alloy / Molded Power Inductor**. Unlike traditional wire-wound inductors, it features:
1. **Magnetic Metal Powder:** The coil is embedded in a composite of iron powder and resin.
2. **Shielded Design:** The molded construction provides inherent magnetic shielding, which reduces Electromagnetic Interference (EMI).
3. **Monolithic Structure:** Provides better mechanical strength and resistance to vibration/shock compared to ferrite drum cores.
---
### 4. Typical Applications
Due to its small footprint (0805 size) and high current handling, it is used in:
* **Smartphones & Tablets:** Power management IC (PMIC) circuits.
* **Wearables:** Smartwatches and health monitors requiring thin profiles.
* **HDD/SSD:** Localized voltage regulation.
* **Point of Load (POL):** High-efficiency DC-DC converters.
---
### 5. Land Pattern Dimensions
When designing a PCB for this part, use the following standard 2012 (0805) dimensions:
```text
<--- 2.0mm --->
+---------------+ ^
| [Pad] [Pad] | 1.25mm
+---------------+ v
```
- ⤷
What are the main advantages of metal alloy inductors over ferrite inductors?
- ⤷ How does the 'Saturation Current' differ from the 'Rated Current' in this specific component?
- ⤷ What is the recommended reflow soldering profile for an 0805 power inductor?