Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AHP201610FA-R33M

  • AI
    ## Technical Overview: AHP201610FA-R33M The **AHP201610FA-R33M** is a miniature, high-current power inductor typically used in power management circuits. It is part of the **AHP series** (often manufactured by companies like Taiyo Yuden or similar specialty magnetics brands), designed specifically for DC-DC converters in space-constrained mobile devices. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical constraints: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **AHP** | Series Name | High-current power inductor (Metal alloy type) | | **2016** | Dimensions | 2.0mm x 1.6mm (EIA 0806) | | **10** | Height | 1.0mm Max thickness | | **FA** | Internal Code | Design/Material classification | | **R33** | Inductance | 0.33 µH | | **M** | Tolerance | ±20% | --- ### 2. Electrical Characteristics The AHP201610FA-R33M is characterized by low DC resistance and high saturation currents, making it efficient for high-frequency switching. | Parameter | Value | | :--- | :--- | | **Inductance** | 0.33 µH | | **DC Resistance (DCR)** | ~25 mΩ (Typical) / ~32 mΩ (Max) | | **Saturation Current (Isat)** | ~4.5A to 5.2A (at $\Delta$L -30%) | | **Temperature Rise Current (Irms)** | ~3.5A (at $\Delta$T 40°C) | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Key Electronic Features #### A. Metal Alloy Core Technology Unlike traditional ferrite inductors, this part uses a **metallic magnetic powder**. * **Soft Saturation:** The inductance drops gradually as current increases, rather than dropping sharply. This prevents sudden circuit failures during current spikes. * **High Current Density:** Allows for higher amperage in a smaller footprint (2016 size). #### B. Shielded Construction The molded metal structure inherently provides **magnetic shielding**. This minimizes Electromagnetic Interference (EMI) with neighboring components, which is critical in dense PCB layouts like smartphones or tablets. #### C. Low DCR (DC Resistance) The internal coil is designed to minimize power loss ($P = I^2R$). A lower DCR ensures that the inductor does not overheat and maintains high efficiency in battery-powered devices. --- ### 4. Typical Applications This component is primarily found in the **Point of Load (POL)** stage of power supplies: 1. **Smartphones/Wearables:** For CPU/GPU core power rails. 2. **SSD Drives:** In the voltage regulation modules. 3. **DC-DC Converters:** High-frequency buck converters (switching frequencies typically between 1MHz and 5MHz).
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of a metal alloy core over a ferrite core in this inductor?
    • ⤷ How does the 'soft saturation' characteristic affect the safety of a DC-DC converter?
    • ⤷ Can this inductor be used in automotive applications
    • ⤷ or is it strictly for consumer electronics?