Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AI-2437-TWT-R

  • AI
    The **AI-2437-TWT-R** is a high-performance audio indicator (buzzer) manufactured by **PUI Audio**. It is specifically an electro-mechanical transducer designed for consistent sound output in industrial and commercial electronics. --- ### 1. Key Technical Specifications Below are the primary electronic and physical characteristics of the component: | Characteristic | Specification | | :--- | :--- | | **Type** | Electro-mechanical (Indicator) | | **Rated Voltage** | 12 VDC | | **Operating Voltage Range** | 9 ~ 15 VDC | | **Current Consumption** | Max 50 mA at 12 VDC | | **Sound Pressure Level (SPL)** | Min 95 dBA at 10 cm | | **Resonant Frequency** | 3,700 ± 500 Hz | | **Tone Type** | Continuous | | **Mounting Type** | Through Hole (Pins) | | **Operating Temperature** | -20°C to +70°C | --- ### 2. Functional Analysis * **Internal Circuitry:** Unlike a simple piezo element that requires an external square wave to produce sound, the "AI" prefix indicates this is an **indicator**. It contains internal drive circuitry. When you apply the rated DC voltage, it generates its own frequency and produces a continuous tone. * **Acoustic Design:** The part features a top-opening (Top Washable) design. The "T" in the suffix often denotes that it includes a **washable label** (a blue removable tab) over the sound hole, allowing it to survive wave soldering and cleaning processes without damage to the internal diaphragm. * **Mechanical Structure:** It utilizes a magnetic coil and a metal diaphragm. When energized, the electromagnetic field causes the diaphragm to vibrate at the resonant frequency, amplified by the plastic housing. --- ### 3. Application and Usage Because of its high decibel output (95+ dB) and wide voltage range, it is commonly used in: 1. **Industrial Controls:** Status alerts for machinery. 2. **Medical Devices:** Audible alarms for patient monitoring. 3. **Security Systems:** High-pitch notification for entry/exit delays. 4. **Automotive Aftermarket:** Feedback tones for dashboard interfaces. --- ### 4. Implementation Example To drive this part using a microcontroller (like an Arduino or ESP32), you should use a transistor switching circuit, as the 50mA current draw is too high for a standard GPIO pin. ```cpp // Simple activation logic const int buzzerPin = 9; // Connected to base of NPN transistor void setup() { pinMode(buzzerPin, OUTPUT); } void loop() { digitalWrite(buzzerPin, HIGH); // Buzzer sounds (Continuous tone) delay(1000); digitalWrite(buzzerPin, LOW); // Buzzer off delay(1000); } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between an indicator and a transducer in PUI Audio parts?
    • ⤷ Can the AI-2437-TWT-R be driven by a PWM signal to change its pitch?
    • ⤷ What is the purpose of the 'washable' label on this component?