AI-4033-TWT-R
AI

The **AI-4033-TWT-R** is a high-performance piezoelectric audio indicator (buzzer) manufactured by **PUI Audio**. It is designed for applications requiring high sound pressure levels and reliability in a compact form factor.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Transducer Type** | Piezoelectric |
| **Rated Voltage** | 12 VDC |
| **Operating Voltage Range** | 3 ~ 20 VDC |
| **Current Consumption** | Max 10 mA (at 12VDC) |
| **Sound Pressure Level (SPL)** | 100 dBA @ 10cm |
| **Resonant Frequency** | 3,300 ± 500 Hz |
| **Tone Type** | Continuous |
| **Mounting Type** | Through Hole (Pins) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Functional Description
As a **Piezo Indicator**, the AI-4033-TWT-R differs from a simple transducer in one significant way:
* **Internal Drive Circuitry:** This device includes built-in circuitry. You do not need to provide an oscillating AC signal or a PWM wave to make it sound.
* **Simple Operation:** When a DC voltage (between 3V and 20V) is applied to the pins, the internal circuit triggers the piezo element to vibrate at its resonant frequency, producing a steady, continuous tone.
* **Efficiency:** Because it uses piezoelectric technology rather than electromagnetic (like a speaker), it consumes very little current (under 10mA), making it ideal for battery-powered or low-power microcontroller circuits.
---
### 3. Physical Construction
The part is engineered for durability and ease of integration:
* **Housing Material:** PBT (Polybutylene Terephthalate) plastic, which is heat resistant and durable.
* **Weight:** Approximately 9 grams.
* **Termination:** Two PC pins for direct soldering onto a Printed Circuit Board (PCB).
* **Polarity:** The device is polarized; the positive terminal is usually marked on the housing or indicated by a longer pin.
---
### 4. Typical Applications
Due to its high decibel output (100 dBA), it is commonly used in environments with high ambient noise:
* **Industrial Equipment:** Fault alarms and status indicators.
* **Security Systems:** Audible alerts for entry or fire panels.
* **Medical Devices:** Critical patient monitoring alerts.
* **Consumer Electronics:** High-volume timers or appliances.
- ⤷
How do I wire this component to an Arduino or microcontroller?
- ⤷ What is the difference between an 'indicator' and a 'transducer' in piezo parts?
- ⤷ Can I vary the frequency of the sound by changing the input voltage?