AI

The **AI-4228-P-C48-R** is a high-performance **piezoelectric audio indicator (buzzer)** manufactured by **PUI Audio**. It is designed for applications requiring high sound output with low power consumption.
---
### 1. Technical Specifications
The following table summarizes the core electronic and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Technology** | Piezoelectric |
| **Input Type** | DC (Internal Circuitry/Indicator) |
| **Rated Voltage** | 12 VDC |
| **Voltage Range** | 3 ~ 28 VDC |
| **Current Consumption** | 8 mA (at Rated Voltage) |
| **Sound Pressure Level (SPL)** | 95 dBA @ 30cm |
| **Resonant Frequency** | 2,800 Hz ± 500 Hz |
| **Tone Type** | Continuous |
| **Mounting Type** | Panel Mount with Lead Wires |
| **Operating Temperature** | -20°C to +60°C |
---
### 2. Key Internal Parts & Construction
The device consists of several critical internal layers that allow it to function directly from a DC power source:
* **Piezo Ceramic Element:** The core "motor" of the part. It consists of a ceramic disc bonded to a metal diaphragm. When voltage is applied, the ceramic expands and contracts, vibrating the diaphragm to create sound.
* **Internal Oscillator Circuit:** Unlike a "transducer" (which requires an external AC signal), this "indicator" contains a built-in circuit. This circuit converts the incoming DC voltage into the specific frequency (2.8 kHz) needed to drive the piezo element.
* **ABS Plastic Housing:** The 42mm diameter casing acts as an acoustic chamber, tuned to mechanically amplify the 2.8 kHz frequency to reach the high 95 dB output.
* **Lead Wires:** 28 AWG wires are used for electrical connection, typically color-coded (Red for Positive, Black for Negative).
---
### 3. Application Use Cases
Due to its high decibel output and wide voltage range, this part is commonly found in:
1. **Industrial Controls:** Status alarms for machinery.
2. **Security Systems:** Audible alerts for control panels.
3. **Medical Equipment:** High-reliability notification pings.
4. **Marine Electronics:** Water-resistant alerts (when properly mounted).
---
### 4. Circuit Integration Tips
* **Polarity:** Since it has internal circuitry, you must observe polarity. Reversing the red and black wires will result in no sound and potentially damage the oscillator.
* **Driving with a Microcontroller:** While the current draw is low (8mA), it is often best to drive this through a **BJT (NPN) transistor** or a **MOSFET** if your MCU operates at 3.3V or 5V, as the buzzer performs best at 12V.
- ⤷What is the difference between a piezo indicator and a piezo transducer?
- ⤷ Can I use PWM to change the volume of the AI-4228-P-C48-R?
- ⤷ What are the mounting hole dimensions for this specific PUI Audio model?