Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AIAC-4125C-R246

  • AI
    The **AIAC-4125C-R246** is a specific surface-mount air core power inductor manufactured by Abracon. These components are designed for high-frequency applications where high "Q" (Quality factor) and low inductance are required. --- ### 1. Technical Specifications The following table highlights the core electronic characteristics of the part: | Parameter | Specification | | :--- | :--- | | **Inductance** | 246 nH | | **Tolerance** | ±5% (standard J tolerance) | | **Q Factor (Minimum)** | 100 | | **Test Frequency** | 150 MHz | | **Self Resonant Frequency (SRF)** | 520 MHz (Minimum) | | **DC Resistance (DCR)** | 115 mΩ (Maximum) | | **Rated Current (Irms)** | 1.1 A | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Physical Construction The "AIAC" series features specific design elements that differentiate it from standard molded inductors: * **Air Core Design:** Unlike inductors with ferrite cores, this uses air as the core material. This ensures zero core losses and eliminates the risk of magnetic saturation, making it extremely stable across different current levels. * **Dimensions (4125C):** The "4125" designation refers to the physical size (approx. 4.1mm x 2.5mm). The "C" indicates a specific lead/base configuration. * **Flat Top:** Usually features a cap or flat surface on top of the wire coil to allow for automated pick-and-place assembly during manufacturing. * **Termination:** Solderable leads designed for Surface Mount Technology (SMT). --- ### 3. Key Applications Because this component operates efficiently at high frequencies with high stability, it is typically used in: 1. **RF Circuits:** Matching networks and filters for radio frequency communication. 2. **Telecommunications:** Base stations, cellular infrastructure, and high-end networking equipment. 3. **Broadband Electronics:** Cable modems and high-frequency signal processing. 4. **Power Supplies:** High-frequency switching regulators where low inductance and high Q are necessary. --- ### 4. Advantages & Limitations * **Advantages:** Excellent linearity (inductance doesn't change with current), very high SRF, and minimal signal distortion. * **Limitations:** Lower inductance values compared to ferrite-core inductors of the same size; susceptible to EMI (Electromagnetic Interference) since the magnetic field is not shielded.
    ✨ Follow-up Questions
    • ⤷ What is the difference between air core and ferrite core inductors in RF circuits?
    • ⤷ How does the SRF (Self Resonant Frequency) affect the performance of the AIAC-4125C-R246?
    • ⤷ What are the recommended soldering profiles for this specific Abracon inductor?