AK-AV504-R
AI

The **AK-AV504-R** is a specific electronic component primarily identified as a **High-Definition (HD) Video Balun** or a **Passive Video Transceiver**. It is designed to transmit high-resolution video signals over twisted-pair cables (like Cat5e or Cat6) instead of traditional coaxial cables.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Transmission Signal** | 1 Channel |
| **Compatible Formats** | AHD / HD-CVI / HD-TVI / CVBS |
| **Resolution Support** | 720P / 960P / 1080P / 3MP / 4MP / 5MP / 8MP (4K) |
| **Transmission Distance** | 200m to 400m (depending on resolution and format) |
| **Connector Type** | BNC-M (Male) to Push-terminal / Screw-terminal |
| **Category Type** | UTP CAT5/5E/6 |
| **Power Requirement** | Passive (No external power required) |
---
### Key Electronic Components & Design
#### 1. The Balun Transformer
The "heart" of the device is the **Balun** (Balanced-Unbalanced) transformer.
* **Function:** It converts the unbalanced signal (coaxial) into a balanced signal (differential signaling) for UTP cables.
* **Impedance Matching:** It matches the **75-ohm** impedance of the BNC connector/coaxial cable to the **100-ohm** impedance of the twisted-pair cable. This prevents signal reflection and ghosting.
#### 2. Protection Circuitry
The AK-AV504-R typically includes built-in protection to ensure longevity and signal integrity:
* **TVS (Transient Voltage Suppressors):** Protects the connected DVR and Camera from voltage spikes and surges.
* **ESD Protection:** Built-in Electrostatic Discharge protection (usually up to 2KV).
* **Wave Filter Design:** An anti-static and anti-interference design that filters out electromagnetic interference (EMI) from nearby power lines.
#### 3. Connectors
* **BNC Male:** Made of high-quality zinc alloy or pure copper with gold-plated pins to ensure low contact resistance.
* **Terminal Block:** Often features a "Press-fit" or "Push-button" terminal which eliminates the need for a screwdriver, ensuring a tight physical connection to the copper strands of the Cat5/6 cable.
---
### Performance Overview
| Signal Type | Max Distance (approx.) |
| :--- | :--- |
| **HDCVI (720P)** | 400 Meters |
| **TVI (1080P)** | 250 Meters |
| **AHD (5MP)** | 200 Meters |
| **Analog (CVBS)** | 500 Meters |
---
### Application Usage
The AK-AV504-R is used in CCTV surveillance systems to:
1. **Reduce Costs:** UTP cable is generally cheaper and easier to pull than thick RG59 coaxial cable.
2. **Simplify Wiring:** One Cat5e cable can carry 4 separate video signals (using all 4 pairs), whereas coax requires 4 separate bulky cables.
3. **Improve Signal Reach:** In many cases, differential signaling over UTP provides better noise immunity over long distances than coaxial.
- ⤷What is the difference between passive and active video baluns?
- ⤷ How do I wire a Cat5e cable to the AK-AV504-R push terminals?
- ⤷ Can this component transmit power (PoE) along with the video signal?