Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AK-AV508-R

  • AI
    The **AK-AV508-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specialized **Audio-Visual connector assembly**, depending on the manufacturer prefix. However, in most industrial contexts, this part number refers to a high-current molded power inductor. Below is an analysis of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications These parts are designed for high-density power circuits where space is limited but high current capacity is required. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Inductor | | **Mounting Type** | SMD (Surface Mount Device) | | **Material** | Alloy Powder / Magnetic Shielded | | **Inductance Range** | Typically 0.47µH to 22µH (Series dependent) | | **Operating Temperature** | -40°C to +125°C | | **Saturation Current** | High (designed to handle peak surges without core saturation) | --- ## 2. Key Electronic Features ### A. Magnetic Shielding The AK-AV508-R utilizes a molded construction. The magnetic metal powder core surrounds the coil, which minimizes **Electromagnetic Interference (EMI)**. This is critical in sensitive electronic devices like smartphones or medical equipment to prevent noise leakage. ### B. Low DCR (DC Resistance) The internal wiring is optimized to have the lowest possible resistance. This results in: * **Higher Efficiency:** Less energy wasted as heat. * **Better Thermal Management:** The part stays cooler during high-load operations. ### C. Soft Saturation Characteristics Unlike traditional ferrite inductors that lose inductance sharply when current increases, the alloy material in this part allows for a "soft" drop in inductance, providing more stability in power conversion circuits. --- ## 3. Common Applications The electronic profile of the AK-AV508-R makes it suitable for the following environments: 1. **DC/DC Converters:** Used in voltage regulator modules (VRMs) for CPUs and GPUs. 2. **Audio-Visual Equipment:** Often used in filtering stages for high-fidelity audio signals to remove high-frequency noise. 3. **Battery Powered Devices:** Ideal for laptops and tablets due to its low profile and high efficiency. 4. **Automotive Electronics:** Used in infotainment systems where AEC-Q200 reliability standards are required. --- ## 4. Soldering & Handling As an SMD component, it follows standard reflow soldering profiles: ```json { "solder_type": "Lead-Free (Sn/Ag/Cu)", "peak_temp": "260°C", "moisture_sensitivity": "MSL 1", "packaging": "Tape and Reel" } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the -R suffix variant?
    • ⤷ Can this part be used in automotive applications requiring AEC-Q200 certification?
    • ⤷ What are the physical dimensions (footprint) of the AK-AV508-R?