Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AK3770-R

  • AI
    The **AK3770-R** is an integrated system-on-chip (SoC) primarily designed for low-power, cost-effective consumer electronics, such as digital voice recorders, simple audio players, and basic multimedia devices. It is manufactured by **Anyka (Guangzhou) Microelectronics Technology Co., Ltd.** Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Core Architecture The AK3770-R is built on an ARM-based architecture designed for efficient instruction processing while maintaining low power consumption. | Component | Specification | | :--- | :--- | | **CPU Core** | ARM926EJ-S | | **Clock Speed** | Typically up to 200MHz - 300MHz | | **Instruction Set** | ARMv5TE | | **Memory Management** | MMU support for OS like RTOS or Linux | ### 2. Multimedia Features The chip is optimized for audio processing, which is its primary application in the market. * **Audio Codec:** Integrated high-performance 24-bit Audio Codec. * **Recording:** Supports hardware-accelerated recording (ADPCM, MP3, etc.). * **Playback:** Supports MP3, WMA, and WAV formats. * **Video:** Basic support for QVGA resolution video playback (MJPEG/AVI). ### 3. Integrated Interfaces (Peripherals) The "all-in-one" nature of the AK3770-R reduces the need for external bridge chips, lowering the Bill of Materials (BOM) cost. | Interface Type | Functionality | | :--- | :--- | | **Storage** | Supports SD/MMC cards and SPI Flash. | | **Display** | Parallel interface for small TFT LCD screens. | | **Connectivity** | USB 2.0 High-Speed (Host/Device) for data transfer. | | **I/O** | Multiple GPIOs, UART, I2C, and PWM for backlight control. | | **ADC** | Multi-channel 10-bit ADC for battery monitoring or keypads. | ### 4. Electrical Characteristics Designed for portable devices, the chip focuses on battery longevity. * **Power Supply:** Generally requires a dual power rail (Core voltage ~1.2V, I/O voltage ~3.3V). * **Power Management:** Built-in LDOs (Low Dropout Regulators) to simplify power circuitry. * **Package:** Typically found in a LQFP (Low-profile Quad Flat Package) for easy PCB soldering. --- ### Summary of Use Cases 1. **Digital Voice Recorders:** Its main market due to the integrated high-quality microphone input and ADC. 2. **Electronic Educational Toys:** Used in "talking pens" or simple audio-story devices. 3. **MP3/MP4 Players:** Entry-level media players with small screens.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the AK3770-R in standby mode?
    • ⤷ Which operating systems are compatible with the ARM926EJ-S core in this SoC?
    • ⤷ How does the AK3770-R compare to more modern Anyka chips like the AK39 series?