AKW101-R
AI

The **AKW101-R** is an electronic component primarily classified as a **Power Relay**. It is manufactured by Panasonic (specifically within the PhotoMOS or Power Relay divisions) and belongs to the **KW series**. These relays are designed for high-performance switching in compact spaces.
---
### 1. Key Technical Specifications
The following table highlights the core electrical characteristics of the AKW101-R:
| Feature | Specification |
| :--- | :--- |
| **Contact Arrangement** | 1 Form A (SPST-NO) |
| **Rated Coil Voltage** | 5V DC (Typically indicated by the '1' in series) |
| **Contact Rating (Resistive)** | 5A 250V AC / 5A 30V DC |
| **Maximum Switching Power** | 1,250 VA / 150 W |
| **Coil Power Consumption** | Approx. 200 mW |
| **Mounting Type** | Through-hole (PCB Mount) |
| **Isolation Voltage** | 2,500 Vrms between coil and contacts |
---
### 2. Physical and Structural Parts
The AKW101-R is composed of several internal electronic and mechanical sub-components:
* **Electromagnetic Coil:** A copper winding that generates a magnetic field when DC current (5V) is applied.
* **Armature:** A moving metal part attracted by the coil's magnetism to close the circuit.
* **Contacts:** Usually made of **Silver Alloy** (AgNi or AgSnO2) to ensure high conductivity and resistance to electrical welding.
* **Sealed Enclosure:** The "R" in the suffix often denotes a specific packaging or environmental resistance rating (Flux-resistant or Sealed type), protecting the internal components from oxidation.
---
### 3. Circuit Application
In an electronic circuit, the AKW101-R acts as a bridge between a low-power control signal and a high-power load.
```python
# Conceptual Logic for Driving AKW101-R via Microcontroller
if sensor_value > threshold:
digital_write(relay_pin, HIGH) # 5V triggers the AKW101-R coil
print("High power load (AC 250V) is now ON")
else:
digital_write(relay_pin, LOW) # Coil de-energizes
```
---
### 4. Common Use Cases
* **Home Appliances:** Controlling heating elements or small motors in rice cookers or coffee makers.
* **Industrial Automation:** Used in PLC (Programmable Logic Controller) output modules.
* **HVAC Systems:** Switching fans or dampers.
* **Power Strips:** Implementing electronic surge protection or remote switching.
- ⤷
What is the pinout configuration for the AKW101-R?
- ⤷ Are there any equivalent substitutes for this Panasonic relay?
- ⤷ What is the difference between the AKW101 and the AKW111?