Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AKW210-R

  • AI
    The **AKW210-R** is an electronic component, specifically a **Solid State Relay (SSR)** or a **MOSFET Relay** manufactured by Panasonic (formerly Aromat). It belongs to the PhotoMOS series, known for providing galvanic isolation and reliable switching without moving parts. ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AKW210-R: | Characteristic | Specification | | :--- | :--- | | **Contact Form** | 1 Form A (Normally Open) | | **Load Voltage** | Max 350V (AC/DC) | | **Load Current** | Max 120mA | | **On-Resistance (Typ)** | 18 $\Omega$ | | **Input Forward Current** | 50mA | | **Isolation Voltage** | 1,500V AC | | **Package Type** | DIP-4 (Through-hole) or SMD (Surface Mount) | --- ### 2. Functional Components The AKW210-R operates using three main internal stages: 1. **Input Side (LED):** When current flows through the input pins, an internal Infrared LED emits light. This acts as the "control" signal. 2. **Isolation Gap:** The light travels across a physical gap to a solar cell array. This ensures there is no electrical connection between the low-voltage control side and the high-voltage load side. 3. **Output Side (MOSFET):** The solar cell converts light into a voltage that triggers the gates of two MOSFETs connected in an inverse-series configuration. This allows the device to switch both AC and DC loads. --- ### 3. Advantages over Mechanical Relays The "electronic" nature of the AKW210-R provides several benefits: * **Silent Operation:** No mechanical "click" when switching. * **High Speed:** Faster switching times (typically 0.5ms to 2.0ms) compared to electromagnetic relays. * **Longevity:** Since there are no physical contacts to wear out or arc, the component has a significantly longer operational life. * **Low Power Consumption:** Requires very little input current to activate the internal LED. --- ### 4. Typical Applications * **Telecommunications:** Switching telephone lines and modems. * **Measurement Equipment:** Multiplexers and data loggers where high precision is required. * **Industrial Control:** Interfacing between microcontrollers and high-voltage sensors or actuators. * **Security Systems:** Quiet switching for alarm circuits.
    ✨ Follow-up Questions
    • ⤷What is the difference between AKW210-R and a standard electromagnetic relay?
    • ⤷ Can the AKW210-R handle AC loads
    • ⤷ or is it DC only?
    • ⤷ What are the thermal considerations when running the AKW210-R at its maximum current?