Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AL05Y-R10-KBW

  • AI
    The **AL05Y-R10-KBW** is a specific model of a **leaded inductor** (often referred to as a "molded" or "axial" inductor). These components are primarily used for filtering, decoupling, and frequency control in electronic circuits. Below is a breakdown of its technical specifications and characteristics. --- ### 1. Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Axial Leaded Inductor | | **Inductance Value** | 0.10 µH (R10) | | **Tolerance** | ±10% (K) | | **Series** | AL05 (Typically refers to physical size/body diameter) | | **Packaging** | Bulk or Tape/Reel (W - usually denotes specific winding/packaging style) | | **Core Material** | Phenolic or Ferrite (depending on frequency requirements) | --- ### 2. Part Number Deciphering Manufacturers like **RCD Components** use a specific nomenclature for this part: * **AL05**: Represents the series and physical size (approx. 4.0mm x 9.0mm). * **Y**: Often a code for temperature coefficient or specific material coating (varies by manufacturer). * **R10**: The Inductance value. "R" acts as a decimal point. **R10 = 0.10 µH**. * **K**: Tolerance code. **K = ±10%**. * **B**: Packaging type (B often stands for **Bulk**). * **W**: Lead-free / RoHS compliant or specific wire gauge designation. --- ### 3. Key Electronic Functions The AL05Y-R10-KBW performs three primary roles in a circuit: 1. **Noise Suppression:** It acts as a low-pass filter, allowing DC to pass while blocking high-frequency AC noise (EMI/RFI). 2. **Energy Storage:** Like all inductors, it stores energy in a magnetic field when current flows through it. 3. **Impedance Matching:** Used in RF (Radio Frequency) circuits to match the impedance between different stages of an amplifier or transmitter. --- ### 4. Typical Applications * **Consumer Electronics:** Power supplies for TVs, monitors, and audio equipment. * **Telecommunications:** Signal filtering in communication lines. * **Automotive:** Used in control modules to prevent electrical interference. * **Industrial:** Decoupling in sensor circuits to ensure clean data signals. --- ### 5. Physical Characteristics * **Form Factor:** Axial leaded (looks like a resistor with a colored or molded body). * **Durability:** The "molded" construction provides excellent moisture resistance and mechanical strength, making it suitable for harsh environments.
    ✨ Follow-up Questions
    • ⤷What is the current rating for the AL05 series inductors?
    • ⤷ How does a 0.10 uH inductor compare to a 100 uH inductor in noise filtering?
    • ⤷ Can this inductor be used in high-temperature automotive applications?