ALDN-31-R/Q
AI

The **ALDN-31-R/Q** is a high-performance, constant current LED driver module commonly used in industrial and commercial lighting systems. It is designed to provide stable power to LED arrays while offering dimming capabilities and robust protection features.
---
### 1. Key Technical Specifications
The following table outlines the core electronic parameters for the ALDN-31-R/Q series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Input Voltage Range** | 12V DC to 48V DC |
| **Output Current** | 350mA to 1000mA (Configuration dependent) |
| **Efficiency** | Up to 95% |
| **Dimming Method** | PWM (Pulse Width Modulation) & Analog |
| **Operating Temperature** | -40°C to +85°C |
| **Package Type** | Through-hole (R) or Surface Mount (Q) |
---
### 2. Main Electronic Components & Features
The module is composed of several critical sub-systems that ensure efficient power delivery:
#### A. DC-DC Buck Converter
The heart of the ALDN-31-R/Q is a **step-down (Buck) switching regulator**. It efficiently converts a higher input voltage down to the specific forward voltage required by the connected LED string while maintaining a constant current.
#### B. Control & Dimming Interface
* **PWM Dimming:** Allows for digital brightness control without shifting the color temperature of the LEDs.
* **Analog Dimming:** Adjusts the output current by varying a DC voltage on the control pin.
* **Remote On/Off:** Enables the system to be shut down via a logic signal to save power.
#### C. Protection Circuitry
The module includes integrated electronic safeguards to prevent hardware failure:
1. **Short Circuit Protection (SCP):** Automatically shuts down or limits power if the output is shorted.
2. **Over Temperature Protection (OTP):** Reduces output current if the internal components exceed safe thermal limits.
3. **Under-Voltage Lockout (UVLO):** Ensures the device only operates when the input voltage is high enough to maintain stability.
---
### 3. Application Circuit Example
When integrating this part into a PCB design, the typical setup follows this logic:
```c
[Power Source] ----> [Input Capacitor] ----> [ALDN-31-R/Q] ----> [LED Array]
|
[Microcontroller/PWM]
```
* **Input Capacitor:** Usually required to smooth out voltage ripples from the power supply.
* **Thermal Management:** While highly efficient, the module requires adequate copper pour on the PCB to dissipate heat during high-current operations.
---
- ⤷
What are the primary differences between the 'R' and 'Q' suffixes in this part number?
- ⤷ Can this driver be used with a 110V/220V AC input directly?
- ⤷ How do I calculate the maximum number of LEDs I can connect to one ALDN-31 unit?